Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9879-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9879-EB Datasheet HTML 1Page - Analog Devices AD9879-EB Datasheet HTML 2Page - Analog Devices AD9879-EB Datasheet HTML 3Page - Analog Devices AD9879-EB Datasheet HTML 4Page - Analog Devices AD9879-EB Datasheet HTML 5Page - Analog Devices AD9879-EB Datasheet HTML 6Page - Analog Devices AD9879-EB Datasheet HTML 7Page - Analog Devices AD9879-EB Datasheet HTML 8Page - Analog Devices AD9879-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9879
Rev. A | Page 5 of 32
Parameter
Temp
Test Level
Min
Typ
Max
Unit
10-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
10
Bits
Maximum Conversion Rate
Full
II
29
MHz
Pipeline Delay
N/A
N/A
4.5
ADC cycles
Analog Input
Input Voltage Range
Full
III
2.0
Vppd
Input Capacitance
25°C
III
2
pF
Differential Input Resistance
25°C
II
4
kΩ
Reference Voltage Error
(REFT10–REFB10) –1 V
Full
I
±4
±200
mV
AC Performance (AIN = –0.5 dBFS, fIN = 5 MHz)
ADC Sample Clock Source = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
58.3
59.9
dB
Effective Number of Bits (ENOB)
Full
II
9.4
9.65
Bits
Signal-to-Noise Ratio (SNR)
Full
II
58.6
60
dB
Total Harmonic Distortion (THD)
Full
II
−73
−62
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
65.7
76
dB
AC Performance (AIN = −0.5 dBFS, fIN = 50 MHz)
ADC Sample Clock Source = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
57.7
59.0
dB
Effective Number of Bits (ENOB)
Full
II
9.29
9.51
Bits
Signal-to-Noise Ratio (SNR)
Full
II
57.8
59.1
dB
Total Harmonic Distortion (THD)
Full
II
−61.4
−75
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
64
78
dB
12-BIT ADC CHARACTERISTICS
Resolution
N/A
N/A
12
Bits
Maximum Conversion Rate
Full
II
29
MHz
Pipeline Delay
N/A
N/A
5.5
ADC cycles
Analog Input
Input Voltage Range
Full
III
2
Vppd
Input Capacitance
25°C
III
2
pF
Differential Input Resistance
25°C
III
4
kΩ
Reference Voltage Error
(REFT12–REFB12) −1 V
Full
I
±16
±200
mV
AC Performance (AIN = −0.5 dBFS, fIN = 5 MHz)
ADC Sample Clock Source = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
60.0
65.2
dB
Effective Number of Bits (ENOB)
Full
II
9.67
10.53
Bits
Signal-to-Noise Ratio (SNR)
Full
II
60.3
65.6
dB
Total Harmonic Distortion (THD)
Full
II
−76.6
−58.7
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
64.7
79
dB
AC Performance (AIN = −0.5 dBFS, fIN = 50 MHz)
ADC Sample Clock Source = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
59.5
62.7
dB
Effective Number of Bits (ENOB)
Full
II
9.59
10.1
Bits
Signal-to-Noise Ratio (SNR)
Full
II
59.7
63.0
dB
Total Harmonic Distortion (THD)
Full
II
−75.5
−60.5
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
63.8
79
dB
VIDEO CLAMP PERFORMANCE
(AIN = −0.5 dBFS, f = 5 MHz)
ADC Sample Clock = OSCIN
Signal-to-Noise and Distortion (SINAD)
Full
II
43.9
50.6
dB
Effective Number of Bits (ENOB)
Full
II
7.0
8.1
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com