| Electronic Components Datasheet Search |
|
AD9879-EB Datasheet(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9879-EB Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 32 page ![]() AD9879 Rev. A | Page 21 of 32 When this bit is set default low, the AD9879 serial port is in MSB-first format. In MSB-first mode, the instruction byte and data bytes must be written from the MSB to the LSB. In MSB- first mode, the serial port internal byte address generator decrements for each byte of the multibyte communication cycle. When incrementing from 0x1F, the address generator changes to 0x00. When decrementing from 0x00, the address generator changes to 0x1F. NOTES ON SERIAL PORT OPERATION The AD9879 serial port configuration bits reside in Bits 6 and 7 of Register 0x00. It is important to note that the configuration changes immediately upon writing to the last bit of the register. For multibyte transfers, writing to this register may occur during the middle of the communication cycle. Care must be taken to compensate for this new configuration for the remaining bytes of the current communication cycle. The same considerations apply to setting the reset bit in Register 0x00. All other registers are set to their default values, but the software reset does not affect the bits in Register 0x00. It is recommended to use only single-byte transfers when changing serial port configurations or initiating a software reset. A write to Bits 1, 2, and 3 of Register 0x00 with the same logic levels as Bits 7, 6, and 5 (bit pattern: XY1001YX binary) allows the user to reprogram a lost serial port configuration and to reset the registers to their default values. A second write to Register 0x00 with the reset bit low and the serial port configuration as specified above (XY) reprograms the OSCIN multiplier setting. A changed fSYSCLK frequency is stable after a maximum of 200 fMCLK cycles (wake-up time). CS R/W N1 N0 A4 A3 A2 A1 A0 D7n D6n D20 D10 D00 D7n D6n D20 D10 D00 SCLK INSTRUCTION CYCLE DATA TRANSFER CYCLE SDIO SDO Figure 10. Serial Register Interface Timing MSB First D00 D10 D20 D6n D7n SCLK INSTRUCTION CYCLE DATA TRANSFER CYCLE SDIO SDO CS A0 A1 A2 A3 A4 N0 N1 R/W D00 D10 D20 D6n D7n Figure 11. Serial Register Interface Timing LSB First SCLK INSTRUCTION BIT 7 INSTRUCTION BIT 6 tSCLK tDH tPWL tPWH tDS SDIO CS tDS Figure 12. Timing Diagram for Register Write to AD9879 SCLK SDIO SDO CS DATA BIT N DATA BIT N – 1 tDV Figure 13. Timing Diagram for Register Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |