Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9879-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 3Page - Analog Devices AD9879-EB Datasheet HTML 4Page - Analog Devices AD9879-EB Datasheet HTML 5Page - Analog Devices AD9879-EB Datasheet HTML 6Page - Analog Devices AD9879-EB Datasheet HTML 7Page - Analog Devices AD9879-EB Datasheet HTML 8Page - Analog Devices AD9879-EB Datasheet HTML 9Page - Analog Devices AD9879-EB Datasheet HTML 10Page - Analog Devices AD9879-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9879
Rev. A | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Power Supply (VAVDD,VDVDD,VDRVDD)
3.9 V
Digital Output Current
5 mA
Digital Inputs
−0.3 V to VDRVDD + 0.3 V
Analog Inputs
−0.3 V to VAVDD + 0.3 V
Operating Temperature
−40°C to +85°C
Maximum Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I
Devices are 100% production tested at +25°C and
guaranteed by design and characterization testing for
commercial operating temperature range (−40ºC to
+85°C).
II
Parameter is guaranteed by design and/or
characterization testing.
III
Parameter is a typical value only.
N/A
Test level definition is not applicable.
THERMAL CHARACTERISTICS
Thermal Resistance
100-Lead MQFP
θJA = 40.5°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com