Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3482 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # P3482
Description  2A, 30V, 340KHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

P3482 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  P3482 Datasheet HTML 1Page - Eutech Microelectronics Inc P3482 Datasheet HTML 2Page - Eutech Microelectronics Inc P3482 Datasheet HTML 3Page - Eutech Microelectronics Inc P3482 Datasheet HTML 4Page - Eutech Microelectronics Inc P3482 Datasheet HTML 5Page - Eutech Microelectronics Inc P3482 Datasheet HTML 6Page - Eutech Microelectronics Inc P3482 Datasheet HTML 7Page - Eutech Microelectronics Inc P3482 Datasheet HTML 8Page - Eutech Microelectronics Inc P3482 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EUP3482
DS3482
Ver1.3
Feb. 2011
1
2A, 30V, 340KHz Synchronous
Step-Down Converter
DESCRIPTION
The EUP3482 is a synchronous current mode buck
regulator capable of driving 2A continuous load current
with excellent line and load regulation. The EUP3482
can operate with an input range 4.5V to 30V and the
output can be externally set from 0.923V to 20V with a
resistor divider.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In shutdown
mode the regulator draws 1µA of supply current.
Programmable soft-start minimizes the inrush supply
current and the output overshoot at initial startup.
The EUP3482 require a minimum number of external
components.
Typical Application Circuit
FEATURES
2A Output Current
220ns Minimum On Time
35V Input Surge Protection
Integrated 160m /110m
DMOS Switches
4.5V to 30V Input Operating Range
Output Adjustable from 0.923V to 20V
Up to 95% Efficiency
1µA Shutdown Current
Fixed 340KHz Frequency
Programmable Soft-Start
Thermal Shutdown and Overcurrent Protection
Input Supply Overvoltage and Undervoltage
Lockout
Available in SOP-8 Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
Distributed Power Systems
Networking Systems
PC Monitors
Portable Electronics
Figure 1. 12V to 3.3V/5V Application Circuit


Similar Part No. - P3482

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
P3484 EUTECH-P3484 Datasheet
808Kb / 11P
3A, 30V, 340KHz Synchronous Step-Down Converter
Ver1.4 May 2012
More results

Similar Description - P3482

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3482 EUTECH-EUP3482 Datasheet
159Kb / 1P
2A, 30V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com