Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3482 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # P3482
Description  2A, 30V, 340KHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

P3482 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  P3482 Datasheet HTML 1Page - Eutech Microelectronics Inc P3482 Datasheet HTML 2Page - Eutech Microelectronics Inc P3482 Datasheet HTML 3Page - Eutech Microelectronics Inc P3482 Datasheet HTML 4Page - Eutech Microelectronics Inc P3482 Datasheet HTML 5Page - Eutech Microelectronics Inc P3482 Datasheet HTML 6Page - Eutech Microelectronics Inc P3482 Datasheet HTML 7Page - Eutech Microelectronics Inc P3482 Datasheet HTML 8Page - Eutech Microelectronics Inc P3482 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EUP3482
DS3482
Ver1.3
Feb. 2011
2
Typical Application Circuit (continued)
Figure2. 24V to 3.3V/5V Application Circuit
Pin Configurations
Package Type
Pin Configurations
SOP-8
Pin Description
PIN
PIN NAME
DESCRIPTION
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel DMOS
switch. Connect a 0.01µF or greater capacitor from SW to BS to power the high side switch.
2
IN
Input Supply Pin. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.5V to 30V power source. Bypass IN to GND with a suitably large capacitor
to minimize input ripple to the IC. See Input Capacitor Section of the applications notes.
3
SW
Power Switching Output. Connect the output LC filter from SW to the output load.
4
GND
Ground.
5
FB
Output Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive
voltage divider connected to it from the output voltage. The feedback threshold is 0.923V.
See Setting the Output Voltage.
6
COMP
Loop compensation Input. Connect a series RC network from COMP to GND to compensate
the regulation control loop. See Compensation.
7
EN
Enable Input. EN is a logic input that controls the regulator on or off. Drive EN high to turn on
the regulator; low to turn it off. Don’t leave EN pin floating. Directly connect EN to IN (or
through a resistance) for automatic startup.
8
SS
Soft-Start Control Input. Connect an external capacitor to program the soft-start. If unused,
leave it open, which means internal soft-start function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com