Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3482 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # P3482
Description  2A, 30V, 340KHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

P3482 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  P3482 Datasheet HTML 1Page - Eutech Microelectronics Inc P3482 Datasheet HTML 2Page - Eutech Microelectronics Inc P3482 Datasheet HTML 3Page - Eutech Microelectronics Inc P3482 Datasheet HTML 4Page - Eutech Microelectronics Inc P3482 Datasheet HTML 5Page - Eutech Microelectronics Inc P3482 Datasheet HTML 6Page - Eutech Microelectronics Inc P3482 Datasheet HTML 7Page - Eutech Microelectronics Inc P3482 Datasheet HTML 8Page - Eutech Microelectronics Inc P3482 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EUP3482
DS3482
Ver1.3
Feb. 2011
3
Ordering Information
Order Number
Package Type
Marking
Operating Temperature Range
EUP3482DIR1
SOP-8
xxxxx
P3482
-40 °C to +85°C
EUP3482
□
□
□
□ □
□
□
□ □
□
□
□ □
□
□
□
Lead Free Code
1: Lead Free, Halogen-Free
0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
Package Type
D: SOP
Block Diagram
Figure 3.Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com