Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9947 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics L9947 Datasheet HTML 10Page - STMicroelectronics L9947 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SYSTEM STARTUP (figure 2)
It is not mandatory that VS is present before VCC.
With the presence of the VCC the internal logic
would be reseted and the system restarts under
control of the inputs. If CSN = 0 for more than
100
µs after the presence of VCC the standby
mode is activated. Standby is also activated when
the CSN and VCC would be high at the same
time. When CSN = 0 and VCC goes up, the device
is not controlled by the bus. The outputs remain in
tristate but the current consumption is larger than
100
µA. A high - low - signal at the CSN - wire is
mandatory to control the outputs. There is no un-
dervoltage detection level for the supply voltage
VS implemented. The VCC should be supplied
from the same voltage supply as the driver of the
D0 -D3 pins (eg.
µC).
Figure 2: System Startup Sequence
L9947
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com