Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9947 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics L9947 Datasheet HTML 10Page - STMicroelectronics L9947 Datasheet HTML 11Page - STMicroelectronics L9947 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA TRANSFER AND OUTPUTS ACTIVAT-
ING (Figure 3)
The half bridges of OUT1, OUT2 and OUT3 can
be used with OUT4 to drive three bidirectional
motors in full bridge configuration as shown in
fig.1 Only one motor can be driven in the same
time. The
µC writes the corresponding word
status 1 till 10 at the bus and latch it with a low
pulse in the L9947. So the motor is activated. To
stop the motor it is useful to insert a braking
phase (status 9). In the braking condition there
are all low side DMOS of the half bridges
switched-on in this case the flyback currents flows
through the low side switches instead of the intrin-
sic diodes of the half bridges. After that, the half
bridges could be switched in tristate (T). The high
side driver, OUT5 can be switched only when all
the half bridges are in tristate status 10.
The
µC works always as master and the L9947
Power Interface as slave. That means: the
µC
starts the communication between the Power In-
terface and itself with low transition at the CSN
line. CSN = 0, R/WN= 0 the L9947 reads the data
at the bus and execute the command as shown in
tables 1,3,4 (write mode). The high slope of the
CSN stores the last command and execute it fur-
ther. All inputs are disabled if CSN= 1.
So the bus can be used for another device. With
CSN = 0 and R/WN = 1 the L9947 writes the
status of the diagnostic at the parallel bus until
CSN becomes high (table 2; status
µ + 15) (read
mode). The power outputs maintain the same
status as before.
Figure 3: Signal sequence for data transfer to switch M1 right, read the output status, brake the motor
and activate the standby mode.
L9947
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com