Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9947 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9947 Datasheet HTML 2Page - STMicroelectronics L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics L9947 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Output Activating/write Table 1
Status
CSN R/WN MODE
D0
D1
D2
D3 OUT1 OUT2 OUT3 OUT4 OUT5
FUNCTION
1
1
X
X
X
X
X
X
AB
AB
AB
AB
AB
Hold output behavious as
programmed before
2
_
0
0
0
0
0
0
T
T
T
T
T
All Outputs, Standby mode
3
_
0
0
0
0
1
0
SRC
T
T
SNK
T
M1, right
4
_
0
0
1
1
0
0
SNK
T
T
SRC
T
M1, left
5
_
0
0
1
0
1
0
T
SRC
T
SNK
T
M2, right
6
_
0
0
0
1
0
0
T
SNK
T
SRC
T
M2, left
7
_
0
0
0
1
1
0
T
T
SRC
SNK
T
M3, right
8
_
0
0
1
0
0
0
T
T
SNK
SRC
T
M3, left
9
_
0
0
1
1
1
0
SNK
SNK
SNK
SNK
T
Braking
10
_
0
0
0
0
0
1
T
T
T
T
SRC
High side driver
Notes:
Where CSN = 0 the device is (for t
≤ 100µs) transparent, in this condition any change of Data D0 .... D3
will lead to the apprpriate output response.
Deselecting the circuit (CSN
) the last programmed status will be stored.
Diagnostic / read. Table 2:
In readout modes the port D0 .... D3 is acting as an output showing the conditions detected before.
Status
CSN
R/WN
MODE
D0
D1
D2
D3
Function
11
_
1
0
OUT1
OUT2
OUT3
OUT4
OUT1,
OUT2,
OUT3,
OUT4;
12
_
1100
OT
OUT5
No failure,
OT,
OUT5;
13
_
1110
OT
OUT5
OVC1,
OT,
OUT5;
14
_
1101
OT
OUT5
OVC2,
OT,
OUT5;
15
_
1111
OT
OUT5
OVV
or OVV + OVC1
or OVV + OVC2
OT,
OUT5;
Diagnostic / write. Table 3:
Diagnostic modes are used to check the load status for broken or shorted wires.
Status CSN R/WN MODE D0 D1 D2 D3 OUT1
OUT2
OUT3
OUT4
OUT5
Function
16
_
0
1
0
1
0
X
T
T
T
140mA
SRC
T
17
_
0
1
1
0
0
X
T
T
T
140mA
SNK
TIs+Icc
≤ 1mA for IOUT4 =0
18
_
0
1
0
1
1
X
10mA
SNK
10mA
SNK
10mA
SNK
140mA
SRC
10mA
SRC
Standby and clear / write. Table 4:
Status CSN R/WN MODE D0 D1 D2 D3 OUT1
OUT2
OUT3
OUT4
OUT5
Function
19
_
0
0
1
1
1
1
T
T
T
T
T
Clear
20
0
X
X
XXXX
T
T
T
T
T
Clear, Static CSN = 0 will
force clear status and
standby after 100
µs
without respect of data
inputs
Symbols:
1: Logic High
0: Logic Low
T: Tristate
X: Don’t care
AB: As before
_ Low pulse t < 100µs
SRC: Source
SNK: Sink
OT: Overtemperature
OVC1: Overcurrent 1
OVC2: Overcurrent 2
OVV: Overvoltage
OUTX:
- High if output voltage
was >0.6Vs during test
- Low if output voltage
was < 0.4Vs during test
L9947
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com