Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9949 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
L9949
Figure 6. Application Circuit Diagram
IOLD12
Open Load Detection Current of
OUT1 and OUT2
80
160
320
mA
IOLD345
Open load detection current of
OUT3, OUT4 and OUT5
20
40
60
mA
IOLD6
open load detection current of
OUT6
60
160
320
mA
tdOL
minimum duration of open load
condition to set the status bit
500
3000
µs
tISC
minimum duration of overcurrent
condition to switch off the driver
10
100
µs
dVOUT12/dt slew rate of OUT1 and OUT2
VS =13.5V,
for highside driver: Iload = -3A,
for lowside driver: Iload = 3A
0.1
0.2
0.4
V/µs
dVOUT345/dt slew rate of OUT3, OUT4 and
OUT5
VS =13.5V,
for highside driver: Iload = -0.8A,
for lowside driver: Iload = 0.8A
0.09
0.2
0.4
V/µs
dVOUT6/dt slew rate of OUT6
VS =13.5V, Iload = -2.5A
0.1
0.2
0.4
V/µs
ELECTRICAL CHARACTERISTCS (continued)
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUTPUTS: OUT1 - OUT6
5V
STXXX
VBAT
µC
VCC
SS0
MOSI
MISO
SS1
SCK
L9949
L9949
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
GND
VCC
VS
CLK
DI
DO
CSN
OUT1
OUT2
VCC
VS
OUT3
OUT4
OUT5
OUT6
GND
CLK
DI
DO
CSN
CM0
CM1
M
M
M
M
M
M
CM
CM
*see comment
below
*see comment
below
*in case of an unexpected freewheeling condition (e.g. POR, TSD or OV event) capacitor value
must be high enough to limit maximum Vs voltage of L9949 appl_n_wmf below absolute
maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com