Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9949 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 2Page - STMicroelectronics L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L9949
6/20
Figure 2. Thermal Data of Package
ELECTRICAL CHARACTERISTCS
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply
VS
Operating Supply Voltage
Range
728
V
IS
DC Supply Current
active mode,
VS =16V, VCC = 5.3 V,
OUT1 - OUT6 floating
720
mA
Quiescent Supply Current
standby mode,
VS =16V, VCC =0V,
Tj <85°C
(1)
OUT1 - OUT6 floating
612
µA
ICC
DC Supply Current
active mode, CSN = VCC,
VS =16V; VCC = 5.3 V
12
mA
Quiescent Supply Current
standby mode, CSN = VCC,
VS =16V, VCC = 5.3V,
Tj <85°C
(1)
OUT1 - OUT6 floating
40
75
µA
IS +ICC
Sum Supply Quiescent Current
standby mode, CSN = VCC,
VS =16V, VCC = 5.3 V, Tj <85 °C
OUT1 - OUT6 floating
50
90
µA
PowerSO20 Z
th(j-a)
die size 6x6 sq. mm
mounted on standard board
T
= 20˚C
still air
dissipated power 1 W - single pulse
diss. area located in a corner
amb
silicon
diss. area
0.001
0.01
0.1
1
10
100
1000
Time (s)
Z (˚C/W)
th
0.1
1
10
1x1 sq. mm
2x2 sq. mm
3x3 sq. mm
4x4 sq. mm
5x5 sq. mm
diss. area dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com