Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9949 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics L9949 Datasheet HTML 17Page - STMicroelectronics L9949 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
L9949
14/20
SPI Interface – Input Data and Status Register
Input Data Register
Status Register
BIT
Function
BIT
Function
Register 0
Register 1
15
High level reset all bits in selected status
register
15
always H
always H
14
VS under- / overvoltage lockout bit
14
VS overvoltage
not used
– set to L
13
12
Control bits for standby mode and
Current monitor multiplexer
13
VS undervoltage
chargepump off
bit13
bit12
function
12
Temperature
shutdown
Temperature
warning
0
0
standby mode
11
OUT6 – HS driver
overcurrent
OUT6 – HS driver
open load
01
OUT1
1
0
OUT2
10
OUT5 – HS driver
overcurrent
OUT5 – HS driver
open load
11
OUT6
11
OUT6 – HS driver on/off (1)
(1)
If the bits of HS- and LS-driver of the same output stage are high, the internal logic prevents that both drivers of this output stage can
be switched on simultaneously in order to avoid a high internal current from VS to GND.
9
OUT5 – LS driver
overcurrent
OUT5 – LS driver
open load
10
OUT5 – HS driver on/off (1)
8
OUT4 – HS driver
overcurrent
OUT4 – HS driver
open load
9
OUT5 – LS driver on/off (1)
7
OUT4 – LS driver
overcurrent
OUT4 – LS driver
open load
8
OUT4 – HS driver
on/off 5(1)
test mode
6
OUT3 – HS driver
overcurrent
OUT3 – HS driver
open load
bit 8
bit 7
7
OUT4 – LS driver
on/off 5(1)
1
1
5
OUT3 – LS driver
overcurrent
OUT3 – LS driver
open load
B-driver is active
6
OUT3 – HS driver
on/off 5(1)
test mode
4
OUT2 – HS driver
overcurrent
OUT2 – HS driver
open load
bit 6
bit 5
5
OUT3 – LS driver
on/off 5(1)
1
1
3
OUT2 – LS driver
overcurrent
OUT2 – LS driver
open load
A-driver is active
4
OUT2 – HS driver on/off 51
2
OUT1 – HS driver
overcurrent
OUT1 – HS driver
open load
3
OUT2 – LS driver on/off 1
1
OUT1 – LS driver
overcurrent
OUT1 – LS driver
open load
2
OUT1 – HS driver on/off 1
0
no fault condition (2)
(2)
A logical NOR-combination of all bits 1 to 14 in both status registers. This bit can be polled by the micro-controller without the need
of the full SPI communication (see Figure 13). A broken VCC-connection of the L9949 can be detected by the microcontroller, bec ause
all 15 bits low or high is not a valid frame.
1
OUT1 – LS driver on/off 1
H = on; L = off; HS = highside; LS = lowside
0
Status register select bit
L: status register 0; H: status register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com