Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4255 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY7C4255
Description  8K/16K x 18 Deep Sync FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C4255 Datasheet HTML 14Page - Cypress Semiconductor CY7C4255 Datasheet HTML 15Page - Cypress Semiconductor CY7C4255 Datasheet HTML 16Page - Cypress Semiconductor CY7C4255 Datasheet HTML 17Page - Cypress Semiconductor CY7C4255 Datasheet HTML 18Page - Cypress Semiconductor CY7C4255 Datasheet HTML 19Page - Cypress Semiconductor CY7C4255 Datasheet HTML 20Page - Cypress Semiconductor CY7C4255 Datasheet HTML 21Page - Cypress Semiconductor CY7C4255 Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
CY7C4255
CY7C4265
Document #: 38-06004 Rev. *C
Page 20 of 22
Ordering Information
8Kx18 Deep Sync FIFO
Speed
(ns)
Ordering Code
Package
Name
Package
Type
Operating
Range
10
CY7C4255–10AC
A65
64-Lead Thin Quad Flatpack
Commercial
CY7C4255–10AXC
A65
64-Lead Pb-Free Thin Quad Flatpack
CY7C4255–10ASC
A64
64-Lead Small Thin Quad Flatpack
15
CY7C4255–15AC
A65
64-Lead Thin Quad Flatpack
Commercial
CY7C4255–15AXC
A65
64-Lead Pb-Free Thin Quad Flatpack
16Kx18 Deep Sync FIFO
Speed
(ns)
Ordering Code
Package
Name
Package
Type
Operating
Range
10
CY7C4265–10AC
A65
64-Lead Thin Quad Flatpack
Commercial
CY7C4265–10ASC
A64
64-Lead Small Thin Quad Flatpack
CY7C4265–10ASXC
A64
64-Lead Pb-Free Small Thin Quad Flatpack
CY7C4265–10AI
A65
64-Lead Thin Quad Flatpack
Industrial
CY7C4265–10AXI
A65
64-Lead Pb-Free Thin Quad Flatpack
15
CY7C4265–15AC
A65
64-Lead Thin Quad Flatpack
Commercial
CY7C4265–15AXC
A65
64-Lead Pb-Free Thin Quad Flatpack
CY7C4265-15ASC
A64
64-Lead Small Thin Quad Flatpack
Package Diagrams
64-Pin Thin Plastic Quad Flat Pack (10 x 10 x 1.4 mm) A64
51-85051-A
64-Pin Pb-Free Thin Plastic Quad Flat Pack (10 x 10 x 1.4 mm) A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com