Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0906-2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 0906-2
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  0906-2 Datasheet HTML 1Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 2Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 3Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 4Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with
frequencies up to 500 MHz. The high gain and broadband performance of
these devices make them ideal for large - signal, common - source amplifier
applications in 28 volt base station equipment.
• Typical Single-Carrier N-CDMA Performance @ 465 MHz: VDD = 28 Volts,
IDQ = 1100 mA, Pout = 25 Watts Avg., IS-95 CDMA (Pilot, Sync, Paging,
Traffic Codes 8 Through 13). Channel Bandwidth = 1.2288 MHz. PAR =
9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 23 dB
Drain Efficiency — 30.2%
ACPR @ 750 kHz Offset — -47.6 dBc in 30 kHz Bandwidth
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 465 MHz, 125 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Qualified Up to a Maximum of 32 VDD Operation
• Integrated ESD Protection
• 200°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature (1,2)
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 90°C, 125 W CW
Case Temperature 90°C, 25 W CW
RθJC
0.33
0.43
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF5S4125N
Rev. 0, 1/2007
Freescale Semiconductor
Technical Data
MRF5S4125NR1
MRF5S4125NBR1
450-480 MHz, 25 W AVG., 28 V
SINGLE N-CDMA
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 1484-04, STYLE 1
TO-272 WB-4
MRF5S4125NBR1
CASE 1486-03, STYLE 1
TO-270 WB-4
MRF5S4125NR1
© Freescale Semiconductor, Inc., 2007. All rights reserved.


Similar Part No. - 0906-2

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0906-2 MILL-MAX-0906-2 Datasheet
120Kb / 2P
Spring-Loaded Pin
6/22/2018
0906-2-15-20-75-14-11-0 MILL-MAX-0906-2-15-20-75-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-2-15-20-76-14-11-0 MILL-MAX-0906-2-15-20-76-14-11-0 Datasheet
120Kb / 2P
Spring-Loaded Pin
6/22/2018
logo
Coilcraft lnc.
0906-2FLB COILCRAFT-0906-2FLB Datasheet
309Kb / 2P
Micro Spring Air Core Inductors
0906-2FLC COILCRAFT-0906-2FLC Datasheet
309Kb / 2P
Micro Spring Air Core Inductors
More results

Similar Description - 0906-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com