Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS240128WRF Datasheet(PDF) 10 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 10 Page - Powertip Technology

Back Button PS240128WRF Datasheet HTML 6Page - Powertip Technology PS240128WRF Datasheet HTML 7Page - Powertip Technology PS240128WRF Datasheet HTML 8Page - Powertip Technology PS240128WRF Datasheet HTML 9Page - Powertip Technology PS240128WRF Datasheet HTML 10Page - Powertip Technology PS240128WRF Datasheet HTML 11Page - Powertip Technology PS240128WRF Datasheet HTML 12Page - Powertip Technology PS240128WRF Datasheet HTML 13Page - Powertip Technology PS240128WRF Datasheet HTML 14Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page10
1.6
Backlight Characteristics
LCD Module with LED Backlight
Maximum Ratings
Item
Symbol
Conditions
Min.
Max.
Unit
Forward Current
IF
Ta =25℃
-
180
mA
Reverse Voltage
VR
Ta =25℃
-
5
V
Power Dissipation
PO
Ta =25℃
-
0.61
W
Electrical / Optical Characteristics
Ta =25℃
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 80 mA
-
3.3
3.4
V
Reverse Current
IR
VR= 5V
-
-
60
uA
X
0.29
0.32
0.35
CIE Color Coordinate
(With LCD)
Y
IF= 80 mA
0.35
0.38
0.41
-
Average Brightness
(with LCD) *1
IV
IF= 80 mA
30
50
-
cd/m2
Uniformity
(With LCD)*2
△
B
IF= 80 mA
70
-
-
%
Color
White
*1 This value will be changed while mass production.
*2:△B=B(min) / B(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com