Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS240128WRF Datasheet(PDF) 25 Page - Powertip Technology

Part # PS240128WRF
Description  Standard Value
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS240128WRF Datasheet(HTML) 25 Page - Powertip Technology

Back Button PS240128WRF Datasheet HTML 19Page - Powertip Technology PS240128WRF Datasheet HTML 20Page - Powertip Technology PS240128WRF Datasheet HTML 21Page - Powertip Technology PS240128WRF Datasheet HTML 22Page - Powertip Technology PS240128WRF Datasheet HTML 23Page - Powertip Technology PS240128WRF Datasheet HTML 24Page - Powertip Technology PS240128WRF Datasheet HTML 25Page - Powertip Technology PS240128WRF Datasheet HTML 26Page - Powertip Technology PS240128WRF Datasheet HTML 27Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
PE240128WRF-001-HQ
VER.0
Page25
5. PRECAUTION RELATING PRODUCT HANDLING
5.1 SAFETY
5.1.1
If the LCD panel breaks , be careful not to get the liquid crystal to touch your skin.
5.1.2
If the liquid crystal touches your skin or clothes , please wash it off immediately by
using soap and water.
5.2 HANDLING
5.2.1
Avoid any strong mechanical shock which can break the glass.
5.2.2
Avoid static electricity which can damage the CMOS LSI—When working with the
module , be sure to ground your body and any electrical equipment you may be using.
5.2.3
Do not remove the panel or frame from the module.
5.2.4
The polarizing plate of the display is very fragile. So , please handle it very carefully,
do not touch , push or rub the exposed polarizing with anything harder than an HB
pencil lead (glass , tweezers , etc.)
5.2.5
Do not wipe the polarizing plate with a dry cloth , as it may easily scratch the surface
of plate.
5.2.6
Do not touch the display area with bare hands , this will stain the display area.
5.2.7
Do not use ketonics solvent & aromatic solvent. Use with a soft cloth soaked with a
cleaning naphtha solvent.
5.2.8
To control temperature and time of soldering is 280 ± 10°C and 3-5 sec.
5.2.9
To avoid liquid (include organic solvent) stained on LCM
5.3 STORAGE
5.3.1
Store the panel or module in a dark place where the temperature is 25°C ± 5°C
and the humidity is below 65% RH.
5.3.2
Do not place the module near organics solvents or corrosive gases.
5.3.3
Do not crush , shake , or jolt the module.
5.4 TERMS OF WARRANTY
5.4.1
Applicable warrant period
The period is within thirteen months since the date of shipping out under normal
using and storage conditions.
5.4.2 Unaccepted responsibility
This product has been manufactured to your company’s specification as a part for use
in your company’s general electronic products. It is guaranteed to perform according
to delivery specifications. For any other use apart from general electronic equipment,
we cannot take responsibility if the product is used in nuclear power control equipment,
aerospace equipment , fire and security systems or any other applications in which there
is a direct risk to human life and where extremely high levels of reliability are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com