Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29658AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29658AI
Description  2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29658AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29658AI Datasheet HTML 1Page - Cypress Semiconductor CY29658AI Datasheet HTML 2Page - Cypress Semiconductor CY29658AI Datasheet HTML 3Page - Cypress Semiconductor CY29658AI Datasheet HTML 4Page - Cypress Semiconductor CY29658AI Datasheet HTML 5Page - Cypress Semiconductor CY29658AI Datasheet HTML 6Page - Cypress Semiconductor CY29658AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29658
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07478 Rev. **
Revised May 14, 2003
Features
• Output frequency range: 50 MHz to 200 MHz
• Input frequency range: 50 MHz to 200 MHz
• 2.5V or 3.3V operation
• Ten clock outputs: drive up to 20 clock lines
• One Feedback output
• LVPECL reference clock input
• 150-ps max output-output skew
• Phase-locked loop (PLL) bypass mode
• Spread Aware™
• Output enable/disable
• Pin-compatible with MPC9658 and MPC958
• Industrial temperature range: –40°C to +85°C
• 32-Pin 1.0mm TQFP package
Description
The CY29658 is a low-voltage high-performance 200-MHz
PLL-based zero delay buffer designed for high-speed clock
distribution applications. The CY29658 features an LVPECL
reference clock input and provides ten outputs plus one
feedback output. VCO output divides by two or four per
VCO_SEL
setting
(see
Function
Table).
Each
LVCMOS-compatible output can drive 50
Ω series- or
parallel-terminated transmission lines. For series-terminated
transmission lines, each output can drive one or two traces
giving the device an effective fanout of 1:20.
The PLL is ensured stable given that the VCO is configured to
run between 200 MHz to 500 MHz. This allows a wide range
of output frequencies from 50 MHz to 200 MHz. For normal
operation, the external feedback input, FB_IN, is connected to
the feedback output, FB_OUT. The internal VCO is running at
multiples of the input reference clock set by the feedback
divider (see Frequency Table).
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply. When BYPASS# is set LOW, PLL and output dividers
are bypassed resulting in a 1:11 LVPECL to LVCMOS high
performance fanout buffer. For normal PLL operation, both
PLL_EN and BYPASS# are set HIGH.
Block Diagram
Pin Configuration
C Y 29658
Q2
V DDQ
Q3
VSS
Q4
V DDQ
Q5
VSS
AVD D
FB _ IN
BYPASS#
P LL_E N
MR /O E#
PEC L _ C LK
P E C L_C LK #
AVSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Phase
Detector
LPF
VCO
200-480M
/2
/2
PECL_CLK
PECL_CLK#
FB_IN
VCO_SEL
BYPASS#
MR/OE#
PLL_EN
FB_OUT
Q(0:8)
Q9


Similar Part No. - CY29658AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
3.3V 125-MHz 8-Output Zero Delay Buffer
CY29653AC CYPRESS-CY29653AC Datasheet
197Kb / 7P
3.3V 125-MHz 8-Output Zero Delay Buffer
CY29653ACT CYPRESS-CY29653ACT Datasheet
197Kb / 7P
3.3V 125-MHz 8-Output Zero Delay Buffer
CY29653AI CYPRESS-CY29653AI Datasheet
197Kb / 7P
3.3V 125-MHz 8-Output Zero Delay Buffer
CY29653AIT CYPRESS-CY29653AIT Datasheet
197Kb / 7P
3.3V 125-MHz 8-Output Zero Delay Buffer
More results

Similar Description - CY29658AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com