Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP24A Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDP24A
Description  LOAD DUMP TRANSIENT PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP24A Datasheet(HTML) 1 Page - STMicroelectronics

  LDP24A Datasheet HTML 1Page - STMicroelectronics LDP24A Datasheet HTML 2Page - STMicroelectronics LDP24A Datasheet HTML 3Page - STMicroelectronics LDP24A Datasheet HTML 4Page - STMicroelectronics LDP24A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2000 - Ed: 4B
1/5
AG
(Plastic)
Symbol
Parameter
Value
Unit
VPP
Peak pulse load dump overvoltage
See note 1
Tamb = 85°C
100
V
P
Power dissipation on infinite heatsink
Tamb = 100°C
5
W
IFSM
Non repetitive surge peak forward current.
Tj initial = 25°C
tp=10ms
500
A
Tstg
Storage temperature range.
- 65 to + 175
°C
Tj
Maximum operating temperature
175
°C
TL
Maximum lead temperature for soldering
during 10 sec at 4 mm from case.
230
°C
ABSOLUTE RATINGS (limiting values)
DESCRIPTION
Transient voltage suppressor diodes especially
useful in protecting integrated circuits, MOS, hy-
brids and other overvoltages sensitive semicon-
ductors and components.
n
TRANSIENT VOLTAGE SUPPRESSOR
DIODE ESPECIALLY DESIGNED FOR
LOAD DUMP PROTECTION
n
COMPLIANT WITH MAIN STANDARDS
SUCH AS:
ISO / DTR 7637
FEATURES
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction ambient thermal resistance on infinite heatsink
Llead =10mm
15
°C/W
THERMAL RESISTANCES
Note 1: For surges greater than the maximum values, the diode will present a short-circuit Anode - Cathode.
®
LDP24A
LOAD DUMP
TRANSIENT PROTECTION


Similar Part No. - LDP24A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
Industrial Control
logo
Leshan Radio Company
LDP2010DT1G LRC-LDP2010DT1G Datasheet
729Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Anova Technologies CO.,...
LDP20A ANOVA-LDP20A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP20A LUGUANG-LDP20A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP24A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14_1 Datasheet
255Kb / 2P
HEAVY DUTY (LOAD DUMP) TRANSIENT VOLTAGE SUPPRESSOR
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS6W10A DIODES-ALS6W10A Datasheet
717Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS8W10A DIODES-ALS8W10A Datasheet
516Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Oct-2021 REV-8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com