Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP24A Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDP24A
Description  LOAD DUMP TRANSIENT PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP24A Datasheet(HTML) 4 Page - STMicroelectronics

  LDP24A Datasheet HTML 1Page - STMicroelectronics LDP24A Datasheet HTML 2Page - STMicroelectronics LDP24A Datasheet HTML 3Page - STMicroelectronics LDP24A Datasheet HTML 4Page - STMicroelectronics LDP24A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LDP24A
4/5
12
5
10
20
50
1
2
5
10
VR(V)
C(nF)
F=1MHz
Vosc=30mV
Fig. 8: Junction capacitance versus reverse applied
voltage.
10
20
50
100
100
200
500
1000
2000
5000
tp(ms)
IFSM(A) , I²t(A²s)
Tj initial=25°C
IFSM
I²t
Fig. 7: Non repetitive surge peak forward current
versus sinusoidal pulse duration and correspond-
ing value of I
2t.
LDP
24
A
Load Dump Protection
Stand Off Voltage
AG Case
ORDER CODE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com