Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP24A Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDP24A
Description  LOAD DUMP TRANSIENT PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP24A Datasheet(HTML) 3 Page - STMicroelectronics

  LDP24A Datasheet HTML 1Page - STMicroelectronics LDP24A Datasheet HTML 2Page - STMicroelectronics LDP24A Datasheet HTML 3Page - STMicroelectronics LDP24A Datasheet HTML 4Page - STMicroelectronics LDP24A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDP24A
3/5
1
2
5
10
20
50
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
tp(ms)
Ppp(kW)
Fig. 1: Peak pulse power versus exponential pulse
duration (Tj initial=85°C).
1
2
5
10
20
50
100
10
20
50
100
200
tp(ms)
Ipp(A)
Fig. 2 : Peak pulse current versus exponential
pulse duration (Tj initial=85°C).
0
25
50
75
100
125
150
175
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj (°C)
Ppp[Tj] / Ppp [Tj initial=85°C]
Fig. 3: Relative variation of peak pulse power versus
junction temperature.
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
Tamb(°C)
P(W)
Rth(j-a)=Rth(j-l)
Rth(j-a)=50°C/W
Fig. 4: Continous power dissipation versus ambient
temperature.
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.1
1.0
10.0
100.0
tp(s)
Zth(j-a)(°C/W)
Lleads=10mm
Fig. 5: Variation of thermal impedance junction to
ambient versus pulse duration (printed circuit
board FR4, e(Cu)=35
µm, SCu=1cm2).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
200
VFM(V)
IFM(A)
Tj=125°C
Tj=25°C
Fig. 6 : Peak forward voltage drop versus peak
forward current (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com