Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W311HT Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button W311HT Datasheet HTML 11Page - Cypress Semiconductor W311HT Datasheet HTML 12Page - Cypress Semiconductor W311HT Datasheet HTML 13Page - Cypress Semiconductor W311HT Datasheet HTML 14Page - Cypress Semiconductor W311HT Datasheet HTML 15Page - Cypress Semiconductor W311HT Datasheet HTML 16Page - Cypress Semiconductor W311HT Datasheet HTML 17Page - Cypress Semiconductor W311HT Datasheet HTML 18Page - Cypress Semiconductor W311HT Datasheet HTML 19Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 15 of 19
AC Electrical Characteristics
TA = 0°C to +70°C, VDD = 3.3V±5%, VDD = 2.5V±5%fXTL = 14.31818 MHz
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output; Spread Spectrum is disabled.
Notes:
5. X1 input threshold voltage (typical) is 3.3V/2
6. The W311 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is 18 pF;
this includes typical stray capacitance of short PCB traces to crystal.
7. X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
Crystal Oscillator
VTH
X1 Input Threshold Voltage[5]
VDD = 3.3V
–
1.65
–
V
CLOAD
Load Capacitance, Imposed on
External Crystal[6]
–18
–
pF
CIN,X1
X1 Input Capacitance[7]
Pin X2 unconnected
–
28
–
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
–
–
5
pF
COUT
Output Pin Capacitance
–
–
6
pF
LIN
Input Pin Inductance
–
–
7
nH
DC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V±5% and 2.5V±5% (continued)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
CPU Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition
/Comments
CPU = 66.6 MHz CPU = 100 MHz
CPU = 133 MHz
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
tP
Period
Measured on rising edge at
1.25
15
–
15.5
10
–
10.5
7.5
–
8.0
ns
tH
High Time
Duration of clock cycle
above 2.0V
5.2
–
–
3.0
–
–
1.87
–
–
ns
tL
Low Time
Duration of clock cycle
below 0.4V
5.0
–
–
2.8
–
–
1.67
–
–
ns
tR
Output Rise Edge
Rate
Measured from 0.4V to
2.0V
1–
4
1
–
4
1
–
4
V/ns
tF
Output Fall Edge
Rate
Measured from 2.0V to
0.4V
1–
4
1
–
4
1
–
4
V/ns
tD
Duty Cycle
Measured on rising and
falling edge at 1.25V
45
–
55
45
–
55
45
–
55
%
tJC
Jitter,
Cycle-to-Cycle
Measured on rising edge at
1.25V. Maximum
difference of cycle time
between two adjacent
cycles.
–
–
250
–
–
250
–
–
250
ps
tSK
Output Skew
Measured on rising edge at
1.25V
–
–
175
–
–
175
–
–
175
ps
fST
Frequency
Stabilization from
Power-up (cold start)
Assumes full supply
voltage reached within
1 ms from power-up. Short
cycles exist prior to
frequency stabilization.
––
3
–
–
3
–
–
3
ms
Zo
AC Output
Impedance
Average value during
switching transition. Used
for determining series
termination value.
–20
–
–
20
–
–
20
–
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com