Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 26Page - STMicroelectronics VS6624 Datasheet HTML 27Page - STMicroelectronics VS6624 Datasheet HTML 28Page - STMicroelectronics VS6624 Datasheet HTML 29Page - STMicroelectronics VS6624 Datasheet HTML 30Page - STMicroelectronics VS6624 Datasheet HTML 31Page - STMicroelectronics VS6624 Datasheet HTML 32Page - STMicroelectronics VS6624 Datasheet HTML 33Page - STMicroelectronics VS6624 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
Data synchronization methods
VL6624/VS6624
30/106
In automatic mode the HSYNC signal envelops all the active video data on every line in the
output frame regardless of the programmed image size. Line codes (if selected) fall outside
the HSYNC envelope as shown in
Figure 14.
Figure 14. HSYNC timing example
If manual mode is selected then the pixel positions for HSYNC rising edge and falling edge
are programmable. The pixel position for the rising edge of HSYNC is programmed in the
bHSyncRising registers. The pixel position for the falling edge of HSYNC is programmed in
the bHSyncFalling registers.
Vertical synchronization (VSYNC)
The VSYNC signal is controlled by the bSyncSetup register. The following options are
available:
●
enable/disable
●
select polarity
●
manual or automatic
In automatic mode the VSYNC signal envelops all the active video lines in the output frame
regardless of the programmed image size as shown in
Figure 15.
FF
SAV Code
EAV Code
ACTIVE VIDEO DATA
hsync=1
EAV Code
BLANKING DATA
hsync=0
00 00 XY 80 10 80 10 80 10
80 10
00 00 XY
FF
D0 D1 D2 D3 D0 D1 D2 D3
D2 D3 FF 00 00 XY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com