Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 45Page - STMicroelectronics VS6624 Datasheet HTML 46Page - STMicroelectronics VS6624 Datasheet HTML 47Page - STMicroelectronics VS6624 Datasheet HTML 48Page - STMicroelectronics VS6624 Datasheet HTML 49Page - STMicroelectronics VS6624 Datasheet HTML 50Page - STMicroelectronics VS6624 Datasheet HTML 51Page - STMicroelectronics VS6624 Datasheet HTML 52Page - STMicroelectronics VS6624 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
VL6624/VS6624
Register map
49/106
Host interface manager status
Run mode control
Table 10.
Host interface manager status [Read only]
Index
HostInterfaceManagerStatus [Read only](1)
0x0202
bState
Default Value
<16>_RAW
Purpose
The current state of the mode manager.
Type
CODED
Possible values
<16>_RAW - default powerup state.
<33> WAITING_FOR_BOOT - Waiting for ModeManager to signal
BOOT event.
<34> PAUSED - Booted, the input pipe is idle.
<38>WAITING_FOR_RUN - Waiting for ModeManager to complete
RUN setup.
<49> RUNNING - The pipe is active.
<50> WAITING_FOR_PAUSE - The host has issued a PAUSE
command. The HostInterfaceManager is waiting for the ModeManager
to signal PAUSE processing complete.
<64> FLASHGUN - Grabbing a single frame.
<80> STOPPED - Low power
1.
Can be accessed in all stable states
Table 11.
Run mode control
Index
RunModeControl(1)
0x0280
fMeteringOn
Default Value:
<1> TRUE
Purpose
If metering is off the Auto Exposure (AE) and Auto White Balance (AWB)
tasks are disabled
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com