| Electronic Components Datasheet Search |
|
VS6624 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 106 page ![]() VL6624/VS6624 Host communication - I²C control interface 35/106 10 Host communication - I²C control interface The interface used on the VL6624/VS6624 is a subset of the I²C standard. Higher level protocol adaptations have been made to allow for greater addressing flexibility. This extended interface is known as the V2W interface. 10.1 Protocol A message contains two or more bytes of data preceded by a START (S) condition and followed by either a STOP (P) or a repeated START (Sr) condition followed by another message. STOP and START conditions can only be generated by a V2W master. After every byte transferred the receiving device must output an acknowledge bit which tells the transmitter if the data byte has been successfully received or not. The first byte of the message is called the device address byte and contains the 7-bit address of the V2W slave to be addressed plus a read/write bit which defines the direction of the data flow between the master and the slave. The meaning of the data bytes that follow device address changes depending whether the master is writing to or reading from the slave. Figure 18. Write message For the master writing to the slave the device address byte is followed by 2 bytes which specify the 16-bit internal location (index) for the data write. The next byte of data contains the value to be written to that register index. If multiple data bytes are written then the internal register index is automatically incremented after each byte of data transferred. The master can send data bytes continuously to the slave until the slave fails to provide an acknowledge or the master terminates the write communication with a STOP condition or sends a repeated START (Sr). Figure 19. Read message For the master reading from the slave the device address is followed by the contents of last register index that the previous read or write message accessed. If multiple data bytes are read then the internal register index is automatically incremented after each byte of data ‘0’ (Write) S DEV ADDR R/W A 2 Index Bytes DATA P A/A DATA A N Data Byte A DATA From Master to Slave From Slave to Master ‘1’ (Read) S DEV ADDR R/W A DATA P A DATA A 1 or more Data Byte From Master to Slave From Slave to Master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |