Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2106 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC2106
Description  Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2106 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC2106 Datasheet HTML 9Page - SMSC Corporation EMC2106 Datasheet HTML 10Page - SMSC Corporation EMC2106 Datasheet HTML 11Page - SMSC Corporation EMC2106 Datasheet HTML 12Page - SMSC Corporation EMC2106 Datasheet HTML 13Page - SMSC Corporation EMC2106 Datasheet HTML 14Page - SMSC Corporation EMC2106 Datasheet HTML 15Page - SMSC Corporation EMC2106 Datasheet HTML 16Page - SMSC Corporation EMC2106 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2106
13
Revision 1.72 (11-01-07)
DATASHEET
The pin type are described in detail below. All pins labelled with (5V) are 5V tolerant.
All pin labelled with (2V) should not be exposed to any voltage level greater than 2V.
21
TRIP_SET / VIN4
TRIP_SET - Determines HW Shutdown
temperature features for the hardware
shutdown channel
AI (2V)
VIN4 - General voltage input when
Thermal / Critical shutdown disabled
AI (2V)
22
SHDN_SEL
Determines HW Shutdown temperature
features and measurement channel
AIO
23
DAC2
Linear Fan Driver Output
AO (2V)
24
DN3 / DP4 / VIN3
DN3 / DP4 - Negative (cathode) analog
input for External Diode 3 and positive
(anode) Analog Input for External Diode 4
(default)
AIO (2V)
VIN3 - General voltage input for use with
a thermistor
AI (2V)
25
DP3 / DN4 / VREF
DP3 / DN4 - Positive (anode) analog input
for External Diode 3 and negative
(cathode) analog input for External Diode
4 (default)
AIO (2V)
VREF_T3 - Reference output for use with
a thermistor and to drive VIN3
AO (2V)
26
ADDR_SEL
Selects SMBus slave address
DIT
27
DN2 / VIN2
DN2 - Negative (cathode) analog input for
External Diode 2 (default)
AIO (2V)
VIN2 - General voltage input for use with
a thermistor
AI (2V)
28
DP2 / VREF_T2
DP2 - Positive (anode) analog input for
External Diode 2 (default)
AIO (2V)
VREF_T2 - Reference output for use with
a thermistor and to drive VIN2
AO (2V)
Thermal Slug
GND
Ground
Power
Table 2.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - this pin is used as a digital input. This pin is
5V tolerant.
AI
Analog Input - this pin is used as an input for analog
signals.
Table 2.1 Pin Description for EMC2106 (continued)
PIN NUMBER
EMC2106
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com