Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2106 Datasheet(PDF) 89 Page - SMSC Corporation

Part # EMC2106
Description  Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2106 Datasheet(HTML) 89 Page - SMSC Corporation

Back Button EMC2106 Datasheet HTML 85Page - SMSC Corporation EMC2106 Datasheet HTML 86Page - SMSC Corporation EMC2106 Datasheet HTML 87Page - SMSC Corporation EMC2106 Datasheet HTML 88Page - SMSC Corporation EMC2106 Datasheet HTML 89Page - SMSC Corporation EMC2106 Datasheet HTML 90Page - SMSC Corporation EMC2106 Datasheet HTML 91Page - SMSC Corporation EMC2106 Datasheet HTML 92Page - SMSC Corporation EMC2106 Datasheet HTML 93Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2106
89
Revision 1.72 (11-01-07)
DATASHEET
6.47
Product ID Register
The Product ID Register contains a unique 8 bit word that identifies the product.
6.48
Manufacturer ID Register
The Manufacturer ID Register contains a 8 bit word that identifies SMSC.
6.49
Revision Register
The Revision Register contains a 8 bit word that identifies the die revision.
Table 6.66 SHDN_SEL Bit Decode
FUN_SEL[1:0]
EXTERNAL DIODE 1 MODE
CRITICAL / THERMAL
SHUTDOWN
TEMPERATURE RANGE
VIN4 OR
TRIP_SET
10
00
Transistor mode - Beta =
automatic
REC = enabled
High range - 92°C to 154°C
TRIP_SET
01
Diode mode -
Beta = 1111b
REC = disabled
Low Range
60°C to 122°C
TRIP_SET
10
Not used -
Internal diode linked to
Hardware Thermal / Critical
Shutdown circuitry
Low Range
60°C to 122°C
TRIP_SET or VIN4
(see Section 6.1.2)
Table 6.67 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
Register
00
0
1
1
1
1
0
1Eh
Table 6.68 Manufacturer ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Manufacturer ID
0
1
0
1
1
1
0
1
5Dh
Table 6.69 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
0
0
0
0
0
0
1
0
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com