Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC4T774 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T774
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVC4T774 Datasheet HTML 1Page - Texas Instruments SN74AVC4T774 Datasheet HTML 2Page - Texas Instruments SN74AVC4T774 Datasheet HTML 3Page - Texas Instruments SN74AVC4T774 Datasheet HTML 4Page - Texas Instruments SN74AVC4T774 Datasheet HTML 5Page - Texas Instruments SN74AVC4T774 Datasheet HTML 6Page - Texas Instruments SN74AVC4T774 Datasheet HTML 7Page - Texas Instruments SN74AVC4T774 Datasheet HTML 8Page - Texas Instruments SN74AVC4T774 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
PACKAGE THERMAL IMPEDANCE
RECOMMENDED OPERATING CONDITIONS
(1) (2) (3)
SN74AVC4T774
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES693A – FEBRUARY 2008 – REVISED FEBRUARY 2008
UNIT
PW package(1)
108
θ
JA
Package thermal impedance
RGY package(2)
39
°C/W
RSV package(1)
184
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
(2)
The package thermal impedance is calculated in accordance with JESD 51-5.
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs(4)
1.95 V to 2.7 V
1.6
V
input voltage
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs(4)
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.2 V to 1.95 V
VCCA × 0.65
DIR
High-level
VIH
(referenced to VCCA)
(5)
1.95 V to 2.7 V
1.6
V
input voltage
(DIRx, OE)
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCA × 0.35
DIR
Low-level
VIL
(referenced to VCCA)
(5)
1.95 V to 2.7 V
0.7
V
input voltage
(DIRx, OE)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.1 V to 1.2 V
–3
1.4 V to 1.6 V
–6
IOH
High-level output current
1.65 V to 1.95 V
–8
mA
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.1 V to 1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
2.3 V to 2.7 V
9
3 V to 3.6 V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V
(5)
For VCCA values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC4T774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com