Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC4T774 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T774
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVC4T774 Datasheet HTML 1Page - Texas Instruments SN74AVC4T774 Datasheet HTML 2Page - Texas Instruments SN74AVC4T774 Datasheet HTML 3Page - Texas Instruments SN74AVC4T774 Datasheet HTML 4Page - Texas Instruments SN74AVC4T774 Datasheet HTML 5Page - Texas Instruments SN74AVC4T774 Datasheet HTML 6Page - Texas Instruments SN74AVC4T774 Datasheet HTML 7Page - Texas Instruments SN74AVC4T774 Datasheet HTML 8Page - Texas Instruments SN74AVC4T774 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DIR1
DIR2
A1
A2
A3
A4
DIR3
DIR4
V
CCA
V
CCB
B1
B2
B3
B4
GND
OE
PW PACKAGE
(TOP VIEW)
DIR2
A1
A2
A3
A4
DIR3
V
CCB
B1
B2
B3
B4
GND
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
A1
A2
A3
A4
B1
B2
B3
B4
RSV PACKAGE
(TOP VIEW)
16
15
14
1
2
3
4
5
6
7
8
9
10
11
12
13
DESCRIPTION/ORDERING INFORMATION
SN74AVC4T774
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES693A – FEBRUARY 2008 – REVISED FEBRUARY 2008
www.ti.com
• Each Channel Has an Independent DIR Control
• Latch-Up Performance Exceeds 100 mA Per
Input
JESD 78, Class II
• Control Inputs V
IH/VIL Levels Are Referenced to
• ESD Protection Exceeds the Following Levels
VCCA Voltage
(tested per JESD 22)
• Fully Configurable Dual-Rail Design Allows
–
8000-V Human-Body Model (A114-A)
Each Port to Operate Over the Full 1.2-V to
–
250-V Machine Model (A115-A)
3.6-V Power-Supply Range
–
1500-V Charged-Device Model (C101)
• I/Os Are 4.6-V Tolerant
• I
off Supports Partial Power-Down-Mode
Operation
• Typical Data Rates
–
380 Mbps (1.8-V to 3.3-V Translation)
–
200 Mbps (<1.8-V to 3.3-V Translation)
–
200 Mbps (Translate to 2.5 V or 1.8 V)
–
150 Mbps (Translate to 1.5 V)
–
100 Mbps (Translate to 1.2 V)
This 4-bit noninverting bus transceiver uses two separate configurable power-supply rails. The A port is designed
to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.2 V to 3.6 V. The SN74AVC4T774 is optimized to operate with VCCA/VCCB set
at 1.4 V to 3.6 V. It is operational with VCCA/VCCB as low as 1.2 V. This allows for universal low-voltage
bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
SN74AVC4T774RGYR
WT774
QFN – RSV
Tape and reel
SN74AVC4T774
ZVK
–40
°C to 85°C
Tube
SN74AVC4T774PW
TSSOP – PW
WT774
Tape and reel
SN74AVC4T774PWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AVC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
826Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
739Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI1-SN74AVC4T774 Datasheet
1Mb / 36P
4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
SN74AVC4T774 TI1-SN74AVC4T774 Datasheet
1,022Kb / 26P
SN74AVC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
MARCH 2024
SN74AVC4T774 TI1-SN74AVC4T774 Datasheet
2Mb / 39P
SN74AVC4T774 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
REVISED MARCH 2024
More results

Similar Description - SN74AVC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com