Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC4T774 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T774
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AVC4T774 Datasheet HTML 1Page - Texas Instruments SN74AVC4T774 Datasheet HTML 2Page - Texas Instruments SN74AVC4T774 Datasheet HTML 3Page - Texas Instruments SN74AVC4T774 Datasheet HTML 4Page - Texas Instruments SN74AVC4T774 Datasheet HTML 5Page - Texas Instruments SN74AVC4T774 Datasheet HTML 6Page - Texas Instruments SN74AVC4T774 Datasheet HTML 7Page - Texas Instruments SN74AVC4T774 Datasheet HTML 8Page - Texas Instruments SN74AVC4T774 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
TYPICAL APPLICATION
1.8 V
0.1 µF
0.1 µF
3.0 V
SN74AVC4T774
Processor
SPI
Port
SPI
Peripheral
MOSI
A1
MISO
A2
CLK
A3
CS
A4
VCCA
VCCB
B1
B2
B3
B4
GND
OE
DIR1 = HIGH
DIR2 = LOW
DIR3 = HIGH
DIR4 = HIGH
ABSOLUTE MAXIMUM RATINGS
(1)
SN74AVC4T774
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES693A – FEBRUARY 2008 – REVISED FEBRUARY 2008
Figure 1. Typical Application of the SN74AVC4T774
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
4.6
V
VCCB
I/O ports (A port)
–0.5
4.6
VI
Input voltage range(2)
I/O ports (B port)
–0.5
4.6
V
Control inputs
–0.5
4.6
A port
–0.5
4.6
Voltage range applied to any output in the high-impedance or
VO
V
power-off state(2)
B port
–0.5
4.6
A port
–0.5
VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
Tstg
Storage temperature range.
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 4.6 V maximum if the output current rating is observed.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AVC4T774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com