Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCB Datasheet(PDF) 59 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 59 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 55Page - Numonyx B.V M28W640HCB Datasheet HTML 56Page - Numonyx B.V M28W640HCB Datasheet HTML 57Page - Numonyx B.V M28W640HCB Datasheet HTML 58Page - Numonyx B.V M28W640HCB Datasheet HTML 59Page - Numonyx B.V M28W640HCB Datasheet HTML 60Page - Numonyx B.V M28W640HCB Datasheet HTML 61Page - Numonyx B.V M28W640HCB Datasheet HTML 62Page - Numonyx B.V M28W640HCB Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
M28W640HCT, M28W640HCB
Flowcharts and pseudocodes
59/72
Appendix C
Flowcharts and pseudocodes
Figure 15.
Program flowchart and pseudocode
1.
Status check of b1 (protected block), b3 (VPP invalid) and b4 (program error) can be made after each program operation or
after a sequence.
2.
If an error is found, the Status Register must be cleared before further Program/Erase controller operations.
Write 40h or 10h
AI03538b
Start
Write Address
& Data
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
program_command (addressToProgram, dataToProgram) {:
writeToFlash (any_address, 0x40) ;
/*or writeToFlash (any_address, 0x10) ; */
do {
status_register=readFlash (any_address) ;
/* E or G must be toggled*/
} while (status_register.b7== 0) ;
if (status_register.b3==1) /*VPP invalid error */
error_handler ( ) ;
YES
End
YES
NO
b1 = 0
Program to Protected
Block Error (1, 2)
writeToFlash (addressToProgram, dataToProgram) ;
/*Memory enters read status state after
the Program Command*/
if (status_register.b4==1) /*program error */
error_handler ( ) ;
if (status_register.b1==1) /*program to protect block error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com