Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCB Datasheet(PDF) 32 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 28Page - Numonyx B.V M28W640HCB Datasheet HTML 29Page - Numonyx B.V M28W640HCB Datasheet HTML 30Page - Numonyx B.V M28W640HCB Datasheet HTML 31Page - Numonyx B.V M28W640HCB Datasheet HTML 32Page - Numonyx B.V M28W640HCB Datasheet HTML 33Page - Numonyx B.V M28W640HCB Datasheet HTML 34Page - Numonyx B.V M28W640HCB Datasheet HTML 35Page - Numonyx B.V M28W640HCB Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
DC and AC parameters
M28W640HCT, M28W640HCB
32/72
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 13: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the measurement conditions when relying on the
quoted parameters.
Figure 6.
AC measurement I/O waveform
Figure 7.
AC measurement load circuit
Table 13.
Operating and AC measurement conditions
Parameter
M28W640HCT, M28W640HCB
70 ns
Units
Min
Max
VDD supply voltage
2.7
3.6
V
Ambient operating temperature
–40
85
°C
Load capacitance (CL)50
pF
Input rise and fall times
5
ns
Input pulse voltages
0 to VDD
V
Input and output timing reference voltages
VDD/2
V
AI00610b
VDD
0 V
VDD/2
AI00609d
VDD
CL
CL includes JIG capacitance
25 kW
DEVICE
UNDER
TEST
0.1 µF
VDD
25 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com