Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCB Datasheet(PDF) 23 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 19Page - Numonyx B.V M28W640HCB Datasheet HTML 20Page - Numonyx B.V M28W640HCB Datasheet HTML 21Page - Numonyx B.V M28W640HCB Datasheet HTML 22Page - Numonyx B.V M28W640HCB Datasheet HTML 23Page - Numonyx B.V M28W640HCB Datasheet HTML 24Page - Numonyx B.V M28W640HCB Datasheet HTML 25Page - Numonyx B.V M28W640HCB Datasheet HTML 26Page - Numonyx B.V M28W640HCB Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
M28W640HCT, M28W640HCB
Command interface
23/72
Table 5.
Read electronic signature(1)
1.
RP = VIH.
Code
Device
E
G
W
A0
A1
A2-A7
A8-A21
DQ0-DQ7
DQ8-DQ15
Manufacturer
code
VIL
VIL
VIH
VIL
VIL
0
Don't care
20h
00h
Device code
M28W640HCT
VIL
VIL
VIH
VIH
VIL
0
Don't care
48h
88h
M28W640HCB
VIL
VIL
VIH
VIH
VIL
0
Don't care
49h
88h
Table 6.
Read block lock signature
Block status
E
G
W
A0
A1
A2-A7
A8-A11
A12-A21
DQ0
DQ1
DQ2-DQ15
Locked block
VIL
VIL
VIH
VIL
VIH
0
Don't care Block address
1
0
00h
Unlocked block
VIL
VIL
VIH
VIL
VIH
0
Don't care Block address
0
0
00h
Locked-down
block
VIL
VIL
VIH
VIL
VIH
0
Don't care Block address
X(1)
1.
A locked-down block can be locked ‘DQ0 = 1’ or unlocked ‘DQ0 = 0’; see Section 5: Block locking.
100h
Table 7.
Read Protection Register and Lock Register
Word
E
G
W
A0-A7
A8-A21
DQ0
DQ1
DQ2
DQ3-
DQ7
DQ8-
DQ15
Lock
VIL
VIL
VIH
80h
Don't care
0
OTP Prot.
data
0
00h
00h
Unique ID 0
VIL
VIL
VIH
81h
Don't care
ID data
ID data
ID data
ID data
ID data
Unique ID 1
VIL
VIL
VIH
82h
Don't care
ID data
ID data
ID data
ID data
ID data
Unique ID 2
VIL
VIL
VIH
83h
Don't care
ID data
ID data
ID data
ID data
ID data
Unique ID 3
VIL
VIL
VIH
84h
Don't care
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
85h
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 1
VIL
VIL
VIH
86h
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 2
VIL
VIL
VIH
87h
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 3
VIL
VIL
VIH
88h
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 4
VIL
VIL
VIH
89h
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 5
VIL
VIL
VIH
8Ah
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 6
VIL
VIL
VIH
8Bh
Don't care
OTP data
OTP data
OTP data
OTP data OTP data
OTP 7
VIL
VIL
VIH
8Ch
Don't care
OTP data
OTP data
OTP data
OTP data OTP data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com