Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8245 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
26
Freescale Semiconductor
Electrical and Thermal Characteristics
4.6.2
I2C AC Electrical Specifications
Table 13 provides the AC timing parameters for the I2C interfaces.
Pulse width of spikes which must be suppressed by
the input filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is between
0.1
× OVDD and 0.9 × OVDD(max)
II
–10
10
μA3
Capacitance for each I/O pin
CI
—10
pF
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. Refer to the MPC8245 Integrated Processor Reference Manual for information on the digital filter used.
3. I/O pins obstruct the SDA and SCL lines if the OVDD is switched off.
Table 13. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 12).
Parameter
Symbol 1
Min
Max
Unit
SCL clock frequency
fI2C
0
400
kHz
Low period of the SCL clock
tI2CL
4
1.3
—
μs
High period of the SCL clock
tI2CH
4
0.6
—
μs
Setup time for a repeated START condition
tI2SVKH
4
0.6
—
μs
Hold time (repeated) START condition (after this period, the first
clock pulse is generated)
tI2SXKL
4
0.6
—
μs
Data setup time
tI2DVKH
4
100
—
ns
Data input hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
0 2
—
—
μs
Data output delay time:
tI2OVKL
—0.93
Set-up time for STOP condition
tI2PVKH
0.6
—
μs
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs
Noise margin at the LOW level for each connected device (including
hysteresis)
VNL
0.1
× OVDD
—V
Table 12. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com