Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8245 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8245_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
4
Freescale Semiconductor
Features
– Write buffering for PCI and processor accesses
– Normal parity, read-modify-write (RMW), or ECC
– Data-path buffering between memory interface and processor
– Low-voltage TTL logic (LVTTL) interfaces
– 272 Mbytes of base and extended ROM/Flash/PortX space
– Base ROM space for 8-bit data path or same size as the SDRAM data path (32- or 64-bit)
– Extended ROM space for 8-, 16-, 32-bit gathering data path, 32- or 64-bit (wide) data path
– PortX: 8-, 16-, 32-, or 64-bit general-purpose I/O port using ROM controller interface with
programmable address strobe timing, data ready input signal (DRDY), and 4 chip selects
— 32-bit PCI interface
– Operates up to 66 MHz
– PCI 2.2-compatible
– PCI 5.0-V tolerance
– Dual address cycle (DAC) for 64-bit PCI addressing (master only)
– Accesses to PCI memory, I/O, and configuration spaces
– Selectable big- or little-endian operation
– Store gathering of processor-to-PCI write and PCI-to-memory write accesses
– Memory prefetching of PCI read accesses
– Selectable hardware-enforced coherency
– PCI bus arbitration unit (five request/grant pairs)
– PCI agent mode capability
– Address translation with two inbound and outbound units (ATU)
– Internal configuration registers accessible from PCI
— Two-channel integrated DMA controller (writes to ROM/PortX not supported)
– Direct mode or chaining mode (automatic linking of DMA transfers)
– Scatter gathering—Read or write discontinuous memory
– 64-byte transfer queue per channel
– Interrupt on completed segment, chain, and error
– Local-to-local memory
– PCI-to-PCI memory
– Local-to-PCI memory
– PCI memory-to-local memory
— Message unit
– Two doorbell registers
– Two inbound and two outbound messaging registers
–I2O message interface
—I2C controller with full master/slave support that accepts broadcast messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com