Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROF2BTS70041EPPDBTOBO1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PROF2BTS70041EPPDBTOBO1
Description  Customer evaluation kit description
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PROF2BTS70041EPPDBTOBO1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PROF2BTS70041EPPDBTOBO1 Datasheet HTML 3Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 4Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 5Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 6Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 7Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 8Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 9Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 10Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
The device can be controlled with or without the µIO-Stick (see Chapter 2.1, Chapter 5). Table 7 below explains
the functionality of all jumpers as well as the purpose of the connectors shown in the block diagram above
(Figure 5).
Table 7
PROFET™ +2 12V MB connectors and jumpers
Name
Description
VS
Connection of the supply voltage
GND
Connection of the GND module
OUT0
OUT0 from the PROFET™ +2 12V
OUT1
OUT0/OUT1 2) from the PROFET™ +2 12V
OUT2
OUT1/OUT2 3) from the PROFET™ +2 12V
OUT3
OUT1/OUT3 3) from PROFET™ +2 12V
IN0, IN1, IN2, IN3
External input control of the PROFET™ +2 12V device with serial 4.7 kΩ resistors
DEN
External control of DEN pin with serial 4.7 kΩ resistor;
enables/disables the diagnosis functions of the device
DSEL0, DSEL1
External control of DSELx pins with serial 4.7 kΩ resistor to select a dedicated channel
for diagnosis feedback
IS
Sense output of the PROFET™ +2 12V
(see Chapter 2.1)
J_GND
J_GND is used to connect the PROFET™ +2 12V to the motherboard's GND network. It is
also possible to choose between three ground resistors (150 Ω, 47 Ω, 0 Ω)
(see Chapter 2.1)
J_SENSE1
Used to enable/disable the sense filtering
(see Chapter 2.1)
J_SENSE2
J_SENSE2 either enables the connection to a 1.2 kΩ onboard-resistor or a direct
connection to the IS connector on the motherboard to add an external RSENSE with
different values
(see Chapter 2.1)
µIO-Connectors
The PROFET™ +2 12V demoboard can either be used with external sources or with the
µIO-stick by means of the Infineon Config Wizard
(see Chapter 2.1, Chapter 5)
2
If a 1-channel or 2-channel device is used, OUT0 and OUT1 are connected to OUT0 of the device connector.
3
If a 2-channel device is used, OUT3 and OUT4 are connected to OUT1 of the device connector.
Customer evaluation kit description
PROFET™
2 Motherboards [MB]
Application note
7
Rev. 1.00
2021-05-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com