Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROF2BTS70041EPPDBTOBO1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PROF2BTS70041EPPDBTOBO1
Description  Customer evaluation kit description
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PROF2BTS70041EPPDBTOBO1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PROF2BTS70041EPPDBTOBO1 Datasheet HTML 1Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 2Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 3Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 4Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 5Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 6Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 7Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 8Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Evaluation kit overview [MB & DB]
The PROFET™ +2 12V customer evaluation kit consists of a motherboard (MB) and a daughterboard (DB). Figure
1 below shows the DB [2] plugged onto the MB [1].
[1]
[2]
[1]
[2]
Figure 1
PROFET™ +2 12V MB [1] and DB [2]
Application description
•
The MB is designed to handle all devices within the PROFET™ +2 12V family
-
1-channel, 2-channel or 4-channel PROFET™ +2 12V devices (DBs) can be plugged onto the MB
•
It is suitable for the evaluation of resistive, capacitive and/or inductive loads
•
The evaluation can either be done directly or with the Config Wizard for IPD (see Chapter 5)
Note:
•
The board is not designed for EMC characterization, including ISO pulses
•
The board design is not optimized for thermal performance characterization
Customer evaluation kit description
PROFET™
1 Evaluation kit overview [MB & DB]
Application note
2
Rev. 1.00
2021-05-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com