Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROF2BTS70041EPPDBTOBO1 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # PROF2BTS70041EPPDBTOBO1
Description  Customer evaluation kit description
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PROF2BTS70041EPPDBTOBO1 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button PROF2BTS70041EPPDBTOBO1 Datasheet HTML 12Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 13Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 14Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 15Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 16Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 17Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 18Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 19Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Table 9
(continued) Board connectors and functions
Connector
Function
GND
Ground pin
connects the supply ground to this pin
IN0
Input signal of channel 0 of IC
turns the device on/off and resets the fault if triggered
3.3 V or 5 V logical input
IN1
Input signal of channel 1 of IC
turns the device on/off and resets the fault if triggered
3.3 V or 5 V logical input
DEN
Sense enable signal of IC
measurements at the IS pin are now possible and in addition it resets the counter if a
fault is triggered
3.3 V or 5 V logical input
DSEL
Diagnostic select signal
selects the channel to be diagnosed
3.3 V or 5 V logical input
IS
Sense output of IC
OUT0
Output 0 of IC
connects a grounded load to this pin, such as a power resistor, a bulb or 12 V heating
elements
OUT1
Output 1 of IC
connects a grounded load to this pin, such as a power resistor, a bulb or 12 V heating
elements
LS0
Low side pin 0
enables the low-side 0, input signal of channel 0 of IC T500/T501
LS1
Low side pin 1
enables the low side 1, input signal of channel 1 of IC T500/T501
MOTOR
2 pins for connecting the motor
Customer evaluation kit description
PROFET™
4 Evaluation boards [EB]
Application note
16
Rev. 1.00
2021-05-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com