Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400C Datasheet(PDF) 6 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 6 Page - Micronas

Back Button MSP3400C Datasheet HTML 2Page - Micronas MSP3400C Datasheet HTML 3Page - Micronas MSP3400C Datasheet HTML 4Page - Micronas MSP3400C Datasheet HTML 5Page - Micronas MSP3400C Datasheet HTML 6Page - Micronas MSP3400C Datasheet HTML 7Page - Micronas MSP3400C Datasheet HTML 8Page - Micronas MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
6
2. Features of the MSP 3400C
2.1. Features of the Demodulator and Decoder
Sections
The MSP 3400C is designed to perform demodulation
of FM-mono TV sound and two carrier FM systems ac-
cording to the German or Korean terrestrial specs. With
certain constraints, it is also possible to do AM-demodu-
lation according to the SECAM system. Alternatively, the
satellite specs can be processed with the MSP 3400C.
For FM carrier detection in satellite operation, the AM-
demodulation offers a powerful feature to calculate the
carrier field strength, which can be used for automatic
search algorithms. So, the IC facilitates a first step to-
wards multistandard capability with its very flexible
application and may be used in TV-sets, satellite tuners,
and video recorders.
The MSP 3400C facilitates profitable multistandard ca-
pability, offering the following advantages:
– two selectable analog inputs (TV and SAT-IF sources)
– Automatic Gain Control (AGC) for analog input: input
range: 0.14 – 3 Vpp
– integrated A/D converter for sound-IF inputs
– all demodulation and filtering is performed on chip and
is individually programmable
– no external filter hardware is required
– only one crystal clock (18.432 MHz) is necessary
– FM carrier level calculation for automatic search algo-
rithms and carrier mute function
– high deviation FM-mono mode (max. deviation:
approx.
$360 kHz)
2.2. Features of the DSP-Section
– flexible selection of audio sources to be processed
– digital input and output interfaces via I2S-Bus for exter-
nal DSP-processors, surround sound, ADR etc.
– digital interface to process ADR (Astra Digital Radio)
together with DRP 3510 A
– performance of all deemphasis systems including
adaptive Wegener Panda 1 without external compo-
nents or controlling
– digitally performed FM-identification decoding and de-
matrixing
– digital baseband processing: volume, bass, treble,
5-band equalizer, loudness, pseudostereo, and base-
width enlargement
– simple controlling of volume, bass, treble, equalizer
etc.
– increased audio bandwidth for FM-Audio-signals
(20 Hz – 15 kHz,
$1 dB)
2.3. Features of the Analog Section
– three selectable analog pairs of audio baseband in-
puts (= three SCART inputs)
input level:
≤2 V RMS,
input impedance:
≥25 kΩ
– one selectable analog mono input (i.e. AM sound),
input level:
≤2 V RMS,
input impedance:
≥10 kΩ
– two high quality A/D converters, S/N-Ratio:
≥85 dB
– 20 Hz to 20 kHz Bandwidth for SCART-to-SCART-
Copy facilities
– MAIN (loudspeaker) and AUX (headphones): two
pairs of 4-fold oversampled D/A-converters
output level per channel: max. 1.4 V RMS
output resistance: max. 5 k
Ω
S/N-Ratio:
≥85 dB at maximum volume
max. noise voltage in mute mode:
≤10 µV (BW: 20 Hz
...16 kHz)
– one pair of four-fold oversampled D/A-converters sup-
plying two selectable pairs of SCART-Outputs. Output
level per channel: max. 2 V RMS, output resistance:
max. 0.5 k
Ω, S/N-Ratio: ≥85 dB
(20 Hz...16 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com