Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400C Datasheet(PDF) 25 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 25 Page - Micronas

Back Button MSP3400C Datasheet HTML 21Page - Micronas MSP3400C Datasheet HTML 22Page - Micronas MSP3400C Datasheet HTML 23Page - Micronas MSP3400C Datasheet HTML 24Page - Micronas MSP3400C Datasheet HTML 25Page - Micronas MSP3400C Datasheet HTML 26Page - Micronas MSP3400C Datasheet HTML 27Page - Micronas MSP3400C Datasheet HTML 28Page - Micronas MSP3400C Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
25
Table 6–10: 8-bit FIR-coefficients (decimal integer) for MSP 3410D; reset status: all coefficients are “0”
Coefficients for FIR1 0001hex and FIR2 0005hex
Terrestrial TV-Standards
FM - Satellite
FIR filter corresponds to a
bandpass with a band-
width of B = 130 to 500 kHz
frequency
fc
B
B/G-,D/K-,M-Dual FM
130 kHz
180 kHz
200 kHz
280 kHz
380 kHz
500 kHz
Autosearch
Coef(i)
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
0
3
73
9
3
–8
–1
–1
75
1
18
53
18
18
–8
–9
–1
19
2
27
64
28
27
4
–16
–8
36
3
48
119
47
48
6
5
2
35
4
66
101
55
66
78
65
59
39
5
72
127
64
72
107
123
126
40
MODE-REG[12]
0
1
1
1
1
1
1
0
MODE-REG[13]
1
1
1
1
1
1
1
0
MODE_REG[12] should be set to 0 (= 6 dB gain) if the level of the FM2-carrier processed in MSP-Ch1 is appr. 7 dB below the FM1-carrier of
MSP-Ch2. If both carriers have the same level, MODE_REG[12] must be set to 1 (=0 dB gain).
MODE_REG[13]: If in MSP-Channel 1 and 2 the same bandwidth is required, it is sufficient to transmit FIR_REG2 only and to set
MODE_REG[13] to 1.
For compatibility (besides the above programming), the FIR-filter programming as used for the MSP 3410B is also possible.
ADR coefficients are listed in the DRP-data sheet.
The 130 kHz coefficients are based on subcarriers, which are 7 dB below an existent main carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com