Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3400C Datasheet(PDF) 13 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 13 Page - Micronas

Back Button MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas MSP3400C Datasheet HTML 11Page - Micronas MSP3400C Datasheet HTML 12Page - Micronas MSP3400C Datasheet HTML 13Page - Micronas MSP3400C Datasheet HTML 14Page - Micronas MSP3400C Datasheet HTML 15Page - Micronas MSP3400C Datasheet HTML 16Page - Micronas MSP3400C Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
13
Table 4–1: Several examples for recommended channel assignments for demodulator and audio processing part
Mode
MSPC Sound IF-
Channel 1 / FM2
MSPC Sound IF-
Channel 2 / FM1
FM-
Matrix
Channel
Select
Channel
Matrix
B/G-Stereo
FM2 (5.74 MHz): R
FM1 (5.5 MHz): (L+R)/2
B/G Stereo
Speakers: FM
Stereo
B/G-Bilingual
FM2 (5.74 MHz): Sound B
FM1 (5.5 MHz): Sound A
No Matrix
Speakers: FM
H.Phone : FM
Speakers: Sound A
H.Phone : Sound B
Sat-Mono
not used
FM (6.5 MHz): mono
No Matrix
Speakers: FM
Sound A
Sat-Stereo
7.20 MHz: R
7.02 MHz: L
No Matrix
Speakers: FM
Stereo
Sat-Bilingual
7.38 MHz: Sound C
7.02 MHz: Sound A
No Matrix
Speakers: FM
H.Phone : FM
Speakers: Sound A
H.Phone :Sound B=C
Sat High Dev.
Mode (e.g.
EutelSat)
don’t care
6.552 MHz
No Matrix
Speakers: FM
H.Phone : FM
Speakers: Sound A
H.Phone : Sound A
4.4. Audio PLL and Crystal Specifications
The MSP 3400C runs at 18.432 MHz. A detailed specifi-
cation of the required crystal for different packages and
master/slave applications can be found in Table 8.5.2.
The clock supply of the entire system depends on the
MSP 3400C operation mode:
1. FM-Stereo/I2S Master operation:
The system clock runs free on the crystal’s 18.432 MHz.
2. I2S Slave operation:
In this case, the system clock is synchronizing on the
I2S_WS signal, which is fed into the MSP 3400C
(Mode_Reg[3] = 1).
3. D2-MAC operation:
In this case, the system clock is locked to a synchroniz-
ing signal (DMA_SYNC) supplied by the D2-MAC chip
(Mode_Reg[0] = 1). The DMA and the AMU chips can be
driven by the MSP 3400C audio clock (AUD_CL_OUT).
Remark on using the crystal:
External capacitors at each crystal pin to ground are re-
quired. They are necessary for tuning the open-loop fre-
quency of the internal PLL and for stabilizing the fre-
quency in closed-loop operation. The higher the
capacitors, the lower the clock frequency results. The
nominal free running frequency should match the center
of the tolerance range between 18.433 and 18.431 MHz
as closely as possible. Due to different layouts of cus-
tomer PCBs, the matching capacitor size should be de-
fined in the application (see also Table 8.5.2.).
4.5. ADR Bus
To be able to process ADR, the MSPC has a special de-
signed interface to work together with DRP 3510A. To be
prepared for an upgrade to ADR with an additional DRP
board, the following lines of MSP 3400C should be pro-
vided on a feature connector:
– AUD_CL_OUT
–I2S_DA_IN1 or I2S_DA_IN2
–I2S_DA_OUT
–I2S_WS
–I2S_CLK
– S_CL = ADR_CL
– S_ID = ADR_WS
– S_DA_IN = ADR_DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com