Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032AFY6 Datasheet(PDF) 59 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 59 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 55Page - Numonyx B.V SMC032AFY6 Datasheet HTML 56Page - Numonyx B.V SMC032AFY6 Datasheet HTML 57Page - Numonyx B.V SMC032AFY6 Datasheet HTML 58Page - Numonyx B.V SMC032AFY6 Datasheet HTML 59Page - Numonyx B.V SMC032AFY6 Datasheet HTML 60Page - Numonyx B.V SMC032AFY6 Datasheet HTML 61Page - Numonyx B.V SMC032AFY6 Datasheet HTML 62Page - Numonyx B.V SMC032AFY6 Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
SMCxxxAF
CF-ATA command description
59/82
9.6
Idle Immediate command (95h or E1h)
This command causes the card to set BSY, enter the Idle mode, clear BSY and generate an
interrupt. Table 54 defines the Idle Immediate command byte sequence.
9.7
Initialize Drive Parameters command (91h)
This command enables the host to set the number of sectors per track and the number of
heads per cylinder. Only the Sector Count and the Card/Drive/Head registers are used by
this command. Table 55 defines the Initialize Drive Parameters command byte sequence.
Table 54.
Idle Immediate
Bit
765
43210
Command (7)
95h or E1h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 55.
Initialize Drive Parameters
Bit
7
6
5432
1
0
Command (7)
91h
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads 1)
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Number of sectors
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com