Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032AFY6 Datasheet(PDF) 15 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 15 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 11Page - Numonyx B.V SMC032AFY6 Datasheet HTML 12Page - Numonyx B.V SMC032AFY6 Datasheet HTML 13Page - Numonyx B.V SMC032AFY6 Datasheet HTML 14Page - Numonyx B.V SMC032AFY6 Datasheet HTML 15Page - Numonyx B.V SMC032AFY6 Datasheet HTML 16Page - Numonyx B.V SMC032AFY6 Datasheet HTML 17Page - Numonyx B.V SMC032AFY6 Datasheet HTML 18Page - Numonyx B.V SMC032AFY6 Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
SMCxxxAF
Electrical interface
15/82
20
A00
I
I1Z
A00
I
I1Z
A00
I
I1Z
21
D00
I/O
I1Z,OZ3
D00
I/O
I1Z,OZ3
D00
I/O
I1Z,OZ3
22
D01
I/O
I1Z,OZ3
D01
I/O
I1Z,OZ3
D01
I/O
I1Z,OZ3
23
D02
I/O
I1Z,OZ3
D02
I/O
I1Z,OZ3
D02
I/O
I1Z,OZ3
24
WP
O
OT3
–IOIS16
O
OT3
–IOIS16
O
ON3
25
–CD2
O
Ground
–CD2
O
Ground
–CD2
O
Ground
26
–CD1
O
Ground
–CD1
O
Ground
–CD1
O
Ground
27
D11(2)
I/O
I1Z,OZ3
D11(2)
I/O
I1Z,OZ3
D11(2)
I/O
I1Z,OZ3
28
D12(2)
I/O
I1Z,OZ3
D12(2)
I/O
I1Z,OZ3
D12(2)
I/O
I1Z,OZ3
29
D13(2)
I/O
I1Z,OZ3
D13(2)
I/O
I1Z,OZ3
D13(2)
I/O
I1Z,OZ3
30
D14(2)
I/O
I1Z,OZ3
D14(2)
I/O
I1Z,OZ3
D14(2)
I/O
I1Z,OZ3
31
D15(2)
I/O
I1Z,OZ3
D15(2)
I/O
I1Z,OZ3
D15(2)
I/O
I1Z,OZ3
32
–CE2(2)
II3U
–CE2(2)
II3U
–CS1(2)
II3Z
33
–VS1
O
Ground
–VS1
O
Ground
–VS1
O
Ground
34
–IORD
I
I3U
–IORD
I
I3U
–IORD
I
I3Z
35
–IOWR
I
I3U
–IOWR
I
I3U
–IOWR
I
I3Z
36
–WE
I
I3U
–WE
I
I3U
–WE(3)
II3U
37
READY
O
OT1
IREQ
O
OT1
INTRQ
O
OZ1
38
VCC
Power
VCC
Power
VCC
Power
39
–CSEL(2)(4)
II2Z
–CSEL
I
I2Z
–CSEL
I
I2U
40
–VS2
O
OPEN
–VS2
O
OPEN
–VS2
O
OPEN
41
RESET
I
I2Z
RESET
I
I2Z
-RESET
I
I2Z
42
–WAIT
O
OT1
–WAIT
O
OT1
IORDY
O
ON1
43
–INPACK
O
OT1
–INPACK
O
OT1
RFU
O
OZ1
44
–REG
I
I3U
–REG
I
I3U
RFU(5)
II3U
45
BVD2
I/O
I1U,OT1
–SPKR
I/O
I1U,OT1
–DASP
I/O
I1U,ON1
46
BVD1
I/O
I1U,OT1
–STSCHG
I/O
I1U,OT1
–PDIAG
I/O
I1U,ON1
47
D08(2)
I/O
I1Z,OZ3
D08(2)
I/O
I1Z,OZ3
D08(2)
I/O
I1Z,OZ3
48
D09(2)
I/O
I1Z,OZ3
D09(2)
I/O
I1Z,OZ3
D09(2)
I/O
I1Z,OZ3
49
D10(2)
I/O
I1Z,OZ3
D10(2)
I/O
I1Z,OZ3
D10(2)
I/O
I1Z,OZ3
50
GND
Ground
GND
Ground
GND
Ground
1.
The signal should be grounded by the host.
2.
These signals are required only for 16 bit accesses and not required when installed in 8 bit systems. Devices should allow
for 3-state signals not to consume current.
3.
The signal should be tied to VCC by the host.
4.
The -CSEL signal is ignored by the card in PC Card modes. However, because it is not pulled up on the card in these
modes it should not be left floating by the host in PC Card modes. In these modes, the pin is normally connected by the
host to PC Card A25 or grounded by the host.
5.
The signal should be held High or tied to VCC by the host and RFU is Reserved for Future Use.
Table 8.
Pin assignment and pin type (continued)
Pin
num
PC card memory mode
PC card I/O mode
True IDE mode
Signal
name
Pin
type
In, Out
type
Signal
name
Pin
type
In, Out
type
Signal
name
Pin
type
In, Out
type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com