Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDCA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC8309CVMADDCA Datasheet HTML 1Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 2Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
2
Freescale Semiconductor
Overview
1
Overview
The MPC8309 incorporates the e300c3 (MPC603e-based) core built on Power Architecture® technology,
which includes 16 Kbytes of each L1 instruction and data caches, dual integer units, and on-chip memory
management units (MMUs). The MPC8309 also includes a 32-bit PCI controller, two DMA engines and
a 16/32-bit DDR2 memory controller with 8-bit ECC.
A new communications complex based on QUICC Engine technology forms the heart of the networking
capability of the MPC8309. The QUICC Engine block contains several peripheral controllers and a 32-bit
RISC controller. Protocol support is provided by the main workhorses of the device—the unified
communication controllers (UCCs). A block diagram of the MPC8309 is shown in the following figure.
Figure 1. MPC8309 Block Diagram
Each of the five UCCs can support a variety of communication protocols such as 10/100 Mbps MII/RMII
Ethernet, HDLC and TDM.
In summary, the MPC8309 provides users with a highly integrated, fully programmable communications
processor. This helps to ensure that a low-cost system solution can be quickly developed and offers
flexibility to accommodate new standards and evolving system requirements.
2 RMII/MII
2x TDM Ports
16-KB
D-Cache
16-KB
I-Cache
e300c3 Core with Power
2x DUART
Interrupt
I2C
Timers
GPIO
Enhanced
DDR2
Controller
Controller
Baud Rate
Generators
Accelerators
Single 32-bit RISC CP Serial DMA
Serial Interface
QUICC Engine™ Block
Time Slot Assigner
16 KB Multi-User RAM
FPU
Management
SPI
RTC
Local Bus
2x HDLC
1 RMII/MII
2x IEEE 1588
USB 2.0 HS
Host/Device/OTG
ULPI
4 FlexCAN
eSDHC
48 KB Instruction RAM
DMA
Engine 2
DMA
Engine 1
PCI Controller
IO
Sequencer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com