Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDCA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC8309CVMADDCA Datasheet HTML 1Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 2Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
3
Overview
1.1
Features
The major features of the device are as follows:
•
e300c3 Power Architecture processor core
— Enhanced version of the MPC603e core
— High-performance, superscalar processor core with a four-stage pipeline and low interrupt
latency times
— Floating-point, dual integer units, load/store, system register, and branch processing units
— 16-Kbyte instruction cache and 16-Kbyte data cache with lockable capabilities
— Dynamic power management
— Enhanced hardware program debug features
— Software-compatible with Freescale processor families implementing Power Architecture
technology
— Separate PLL that is clocked by the system bus clock
— Performance monitor
•
QUICC Engine block
— 32-bit RISC controller for flexible support of the communications peripherals with the
following features:
– One clock per instruction
– Separate PLL for operating frequency that is independent of system’s bus and e300 core
frequency for power and performance optimization
– 32-bit instruction object code
– Executes code from internal IRAM
– 32-bit arithmetic logic unit (ALU) data path
– Modular architecture allowing for easy functional enhancements
– Slave bus for CPU access of registers and multiuser RAM space
– 48 Kbytes of instruction RAM
– 16 Kbytes of multiuser data RAM
– Serial DMA channel for receive and transmit on all serial channels
— Five unified communication controllers (UCCs) supporting the following protocols and
interfaces:
– 10/100 Mbps Ethernet/IEEE Std. 802.3® through MII and RMII interfaces.
– IEEE Std. 1588™ support
– HDLC/Transparent (bit rate up to QUICC Engine operating frequency / 8)
– HDLC Bus (bit rate up to 10 Mbps)
– Asynchronous HDLC (bit rate up to 2 Mbps)
– Two TDM interfaces supporting up to 128 QUICC multichannel controller channels, each
running at 64 kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com