Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMAGDC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC8309CVMAGDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGDC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC8309CVMAGDC Datasheet HTML 15Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 16Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 17Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 18Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 19Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 20Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 21Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 22Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
19
Local Bus
7
Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the MPC8309.
7.1
Local Bus DC Electrical Characteristics
The following table provides the DC electrical characteristics for the local bus interface.
7.2
Local Bus AC Electrical Specifications
The following table describes the general timing parameters of the local bus interface of the MPC8309.
Table 17. Local Bus DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD +0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 AVOH
OVDD –0.2
—
V
Low-level output voltage, IOL =100 AVOL
—0.2
V
Input current
IIN
—±5
A
Table 18. Local Bus General Timing Parameters
Parameter
Symbol1
Min
Max
Unit
Note
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock (LCLKn)tLBIVKH
7
—
ns
3, 4
Input hold from local bus clock (LCLKn)tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT
1.5
—
ns
LALE output rise to LCLK negative edge
tLALEHOV
—3
ns
—
LALE output fall to LCLK negative edge
tLALETOT
-1.5
—
ns
—
Local bus clock (LCLKn) to output valid
tLBKHOV
—3
ns
3
Local bus clock (LCLKn) to output high impedance for LAD/LDP
tLBKHOZ
—4
ns
5
Notes
:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case
for clock one(1).
2. All timings are in reference to falling edge of LCLK0 (for all outputs and for LGTA and LUPWAIT inputs) or rising edge of
LCLK0 (for all other inputs).
3. All signals are measured from OVDD/2 of the rising/falling edge of LCLK0 to 0.4  OVDD of the signal in question for 3.3-V
signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com