Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMAGDC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC8309CVMAGDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGDC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC8309CVMAGDC Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 9Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 10Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 11Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 12Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 13Page - NXP Semiconductors MPC8309CVMAGDC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
10
Freescale Semiconductor
Electrical Characteristics
2.1.3
Output Driver Characteristics
The following table provides information on the characteristics of the output driver strengths.
2.1.4
Input Capacitance Specification
The following table describes the input capacitance for the SYS_CLK_IN pin in the MPC8309.
2.2
Power Sequencing
The device does not require the core supply voltage (VDD) and I/O supply voltages (GVDD and OVDD) to
be applied in any particular order. Note that during power ramp-up, before the power supplies are stable
and if the I/O voltages are supplied before the core voltage, there might be a period of time that all input
and output pins are actively driven and cause contention and excessive current. In order to avoid actively
driving the I/O pins and to eliminate excessive current draw, apply the core voltage (VDD) before the I/O
voltage (GVDD and OVDD) and assert PORESET before the power supplies fully ramp up. In the case
where the core voltage is applied first, the core voltage supply must rise to 90% of its nominal value before
the I/O supplies reach 0.7 V; see Figure 3. Once both the power supplies (I/O voltage and core voltage) are
stable, wait for a minimum of 32 clock cycles before negating PORESET.
NOTE
There is no specific power down sequence requirement for the device. I/O
voltage supplies (GVDD and OVDD) do not have any ordering requirements
with respect to one another.
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
)
Supply Voltage (V)
Local bus interface utilities signals
42
OVDD =3.3
PCI Signal
25
DDR2 signal
18
GVDD =1.8
DUART, system control, I2C, SPI, JTAG
42
OVDD =3.3
GPIO signals
42
OVDD =3.3
Table 4. Input Capacitance Specification
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input capacitance for all pins except SYS_CLK_IN and
QE_CLK_IN
CI
68
pF
—
Input capacitance for SYS_CLK_IN and QE_CLK_IN
CICLK_IN
10
—
pF
1
Note:
1. The external clock generator should be able to drive 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com