Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP10G04DF Datasheet(PDF) 4 Page - A POWER MICROELECTRONICS

Part # AP10G04DF
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10G04DF Datasheet(HTML) 4 Page - A POWER MICROELECTRONICS

  AP10G04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP10G04DF
40V N+P-Channel Enhancement Mode MOSFET
AP10G04DF RVE1.0
臺灣永源微電子科技有限公司
N-Typical Characteristics
0
4
8
12
0.00
0.25
0.50
0.75
1.00
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0 . 2
0 . 6
1 . 0
1 . 4
1 . 8
- 5 0
0
50
100
150
TJ , Ju n ct i o n T e m p e r a t u r e (
℃)
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics of Reverse
diode
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com