Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP10G04DF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP10G04DF
Description  40V NP-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10G04DF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP10G04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP10G04DF Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP10G04DF
40V N+P-Channel Enhancement Mode MOSFET
AP10G04DF RVE1.0
臺灣永源微電子科技有限公司
10
100
1000
10000
1
5
9
13
17
21
25
VDS Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
PDM
D = TON/T
TJpeak = TC+PDMXRθJC
TON
T
0.02
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
IAS
VGS
BVDSS
VDD
EAS=
1
2
L x IAS
2 x
BVDSS
BVDSS-VDD
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com