Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM643 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 119Page - Texas Instruments TMS320DM643 Datasheet HTML 120Page - Texas Instruments TMS320DM643 Datasheet HTML 121Page - Texas Instruments TMS320DM643 Datasheet HTML 122Page - Texas Instruments TMS320DM643 Datasheet HTML 123Page - Texas Instruments TMS320DM643 Datasheet HTML 124Page - Texas Instruments TMS320DM643 Datasheet HTML 125Page - Texas Instruments TMS320DM643 Datasheet HTML 126Page - Texas Instruments TMS320DM643 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-42. Switching Characteristics Over Recommended Operating Conditions for McBSP
(1) (2)
(see Figure 5-48)
–500
–600
NO.
PARAMETER
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
4P or 6.67(3)(4)(5)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X int
C – 1(6)
C + 1(6)
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
–2.1
3
ns
CLKX int
–1.7
3
9
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
1.7
9
CLKX int
–3.9
4
Disable time, DX high impedance following last data
12
tdis(CKXH-DXHZ)
ns
bit from CLKX high
CLKX ext
–2.1
9
CLKX int
–3.9 + D1(7)
4 + D2(7)
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
ns
CLKX ext
–2.1 + D1(7)
9 + D2(7)
Delay time, FSX high to DX valid
FSX int
–2.3 + D1(8)
5.6 + D2(8)
14
td(FXH-DXV)
ns
ONLY applies when in data
FSX ext
1.9 + D1(8)
9 + D2(8)
delay 0 (XDATDLY = 00b) mode
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
Minimum delay times also represent minimum output hold times.
(3)
Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. Minimum CLKR/X cycle times
are based on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing requirements.
(4)
P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
(5)
Use whichever value is greater.
(6)
The CLKSM bit in the SRGR0 register must remain a 1, the DM643 device does not support a CLKS input.
C = H or L
H = CLKX high pulse width = (CLKGDV/2 + 1) * 4P if CLKGDV is even
H = CLKX high pulse width = (CLKGDV + 1)/2 * 4P if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * 4P if CLKGDV is even
L = CLKX low pulse width = (CLKGDV + 1)/2 * 4P if CLKGDV is odd or zero
CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the maximum limit (see footnote (4) above).
(7)
Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P
(8)
Extra delay from FSX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
if DXENA = 0, then D1 = D2 = 0
if DXENA = 1, then D1 = 4P, D2 = 8P
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com