Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM643 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 121Page - Texas Instruments TMS320DM643 Datasheet HTML 122Page - Texas Instruments TMS320DM643 Datasheet HTML 123Page - Texas Instruments TMS320DM643 Datasheet HTML 124Page - Texas Instruments TMS320DM643 Datasheet HTML 125Page - Texas Instruments TMS320DM643 Datasheet HTML 126Page - Texas Instruments TMS320DM643 Datasheet HTML 127Page - Texas Instruments TMS320DM643 Datasheet HTML 128Page - Texas Instruments TMS320DM643 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 162 page
background image
www.ti.com
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
5
4
3
8
7
6
2
1
CLKX
FSX
DX
DR
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-44. Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 10b, CLKXP = 0
(1) (2) (see Figure 5-49)
–500
–600
NO.
PARAMETER
UNIT
MASTER(3)
SLAVE
MIN
MAX
MIN
MAX
1
th(CKXL-FXL)
Hold time, FSX low after CLKX low(4)
T – 2
T + 3
ns
2
td(FXL-CKXH)
Delay time, FSX low to CLKX high(5)
L – 2.5
L + 3
ns
3
td(CKXH-DXV)
Delay time, CLKX high to DX valid
–2
4
12P + 2.8
20P + 17
ns
Disable time, DX high impedance following last data bit
6
tdis(CKXL-DXHZ)
L – 2
L + 3
ns
from CLKX low
Disable time, DX high impedance following last data bit
7
tdis(FXH-DXHZ)
4P + 3
12P + 17
ns
from FSX high
8
td(FXL-DXV)
Delay time, FSX low to DX valid
8P + 1.8
16P + 17
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
(2)
For all SPI Slave modes, CLKG is programmed as 1/4 of the CPU clock by setting CLKSM = CLKGDV = 1.
(3)
The CLKSM bit in the SRGR0 register must remain a 1, the DM643 device does not support a CLKS input.
T = CLKX period = (1 + CLKGDV) * 4P
H = CLKX high pulse width = (CLKGDV/2 + 1) * 4P if CLKGDV is even
H = CLKX high pulse width = (CLKGDV + 1)/2 * 4P if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * 4P if CLKGDV is even
L = CLKX low pulse width = (CLKGDV + 1)/2 * 4P if CLKGDV is odd or zero
(4)
FSRP = FSXP = 1. As a SPI Master, FSX is inverted to provide active-low slave-enable output. As a Slave, the active-low signal input
on FSX and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for Master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for Slave McBSP
(5)
FSX should be low before the rising edge of clock to enable Slave devices and then begin a SPI transfer at the rising edge of the Master
clock (CLKX).
Figure 5-49. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0
Table 5-45. Timing Requirements for McBSP as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0
(1) (2)
(see Figure 5-50)
–500
–600
NO.
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
4
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
12
2 – 12P
ns
5
th(CKXH-DRV)
Hold time, DR valid after CLKX high
4
5 + 24P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
(2)
For all SPI Slave modes, CLKG is programmed as 1/4 of the CPU clock by setting CLKSM = CLKGDV = 1.
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com